Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN3137 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN3137
Description  Analog-to-digital converter on STM8L and STM8AL devices
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3137 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN3137 Datasheet HTML 20Page - STMicroelectronics AN3137 Datasheet HTML 21Page - STMicroelectronics AN3137 Datasheet HTML 22Page - STMicroelectronics AN3137 Datasheet HTML 23Page - STMicroelectronics AN3137 Datasheet HTML 24Page - STMicroelectronics AN3137 Datasheet HTML 25Page - STMicroelectronics AN3137 Datasheet HTML 26Page - STMicroelectronics AN3137 Datasheet HTML 27Page - STMicroelectronics AN3137 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
Methods for precision improvement
AN3137
24/42
Doc ID 16983 Rev 3
4.3
Software methods
●
Averaging samples:
–
averaging decreases speed but can give improved accuracy
●
Digital filtering (50/60 Hz suppression from DC value)
–
set proper sampling frequency (the trigger from timer is useful in this case)
–
perform software post-processing on sampled data (e.g.: comb filter - for 50 Hz
noise and its harmonics suppression)
●
Fast Fourier Transform (FFT) for AC measurements:
–
to show harmonic parts in measured signal
–
slower, due to the use of more computation power
●
Calibration of ADC: offset, gain, bit weight calibration
–
decreases internal ADC errors
–
internal ADC structure must be known
●
Minimizing internal noise generated by CPU
–
design firmware to use minimum disturbance from microcontroller during ADC
conversion - digital silence.
4.3.1
Averaging samples
The principle of this method is to increase ADC precision but decrease ADC conversion
speed. If the measured analog signal produces unstable ADC values, then the mean value
of the given input signal can be obtained by averaging a set of values. Variation can be
caused by signal noise or noise generated by the microcontroller itself (high speed digital
signals capacitively coupled to the analog input signal).
Averaging is performed by choosing an appropriate number of samples to be averaged. This
number depends on the required precision, minimum conversion speed and the level of
other ADC errors (if another error has a greater influence on ADC precision, then increasing
the number of averaging values has no effect on total measurement precision).
The advantage of this method is improving precision without any hardware changes. The
disadvantage is lower conversion speed and therefore also lower frequency response (it is
equivalent to decreasing effective sampling frequency).
4.3.2
Digital signal filtering
This is a modern method which uses digital signal processing techniques. In principle,
averaging is also a simple digital filter with a specific frequency response. But if the noise
frequency spectrum is known, a digital filter can be designed which minimizes noise
influence and maximizes ADC frequency response. For example, if the noise in the
measured signal is coming from the 50 Hz power lines, then an appropriate digital filter
suppresses the 50 Hz frequency and delivers a precise 10 Hz input signal response.
The disadvantage of this method is that it needs sufficient microcontroller processing power
and resources: CPU speed, data/program memory usage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com