Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN3137 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3137
Description  Analog-to-digital converter on STM8L and STM8AL devices
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3137 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3137 Datasheet HTML 10Page - STMicroelectronics AN3137 Datasheet HTML 11Page - STMicroelectronics AN3137 Datasheet HTML 12Page - STMicroelectronics AN3137 Datasheet HTML 13Page - STMicroelectronics AN3137 Datasheet HTML 14Page - STMicroelectronics AN3137 Datasheet HTML 15Page - STMicroelectronics AN3137 Datasheet HTML 16Page - STMicroelectronics AN3137 Datasheet HTML 17Page - STMicroelectronics AN3137 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
STM8L/STM8AL ADC usage/programming
AN3137
14/42
Doc ID 16983 Rev 3
2.2
Conversion modes
The ADC can operate in different modes depending on application requirements. The
following sections list the most commonly used operating modes.
2.2.1
Single conversion
This conversion mode is usually used when the application needs to read occasionally
some analog values (input voltage, temperature...).
2.2.2
Single conversion with trigger
This mode is used for the same applications as for the single conversion described in
Section 2.2.1 but the conversion start is triggered by a periodical interval or by an external
event (collection of equidistant samples, external event measurement...).
2.2.3
One-shot channel sequence scan
This mode is a single scan mode (see Section 2.1.3). It is useful for collecting values from a
sequence of channels in one time, for example, measuring a set of external sensors within
equidistant intervals and storing them into a log file (measuring a set of sensors in one
time). This mode can be combined with any trigger depending on application needs:
software, timer or external trigger.
2.2.4
Continuous channel sequence scan
This mode continuously converts selected channels and stores data into memory. As the
DMA is used, the CPU does not need to manage measurements, it only processes the data:
it displays them and sends them to the communication line. This scan mode uses
continuous scan mode. Refer to Section 2.1.3.
2.3
Specific modes using ADC features
2.3.1
Analog watchdog monitoring
By default, the ADC runs in continuous mode and the analog watchdog (enabled on one
channel) monitors the converted values that are outside the reference voltage range defined
in the ADC_HTRx and ADC_LTRx threshold registers). If the value becomes “insecure”,
then an interrupt occurs and the AWD flag bit is set.
In this mode, the CPU does not need to perform periodical ADC measurements. It only has
to react on analog watchdog interrupts (there is no performance loss due to the ADC
operation).
This mode is selected by setting a channel for the analog watchdog monitoring in the
ADC_CR3 register (CHSEL bits). The detection of insecure values can be performed by
monitoring the AWD bit (in the ADC_SR register) or by using the automatic interrupt through
the analog watchdog (AWDIE bit set in ADC_CR1 register to enable interrupts).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com