Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN3137 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN3137
Description  Analog-to-digital converter on STM8L and STM8AL devices
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3137 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN3137 Datasheet HTML 28Page - STMicroelectronics AN3137 Datasheet HTML 29Page - STMicroelectronics AN3137 Datasheet HTML 30Page - STMicroelectronics AN3137 Datasheet HTML 31Page - STMicroelectronics AN3137 Datasheet HTML 32Page - STMicroelectronics AN3137 Datasheet HTML 33Page - STMicroelectronics AN3137 Datasheet HTML 34Page - STMicroelectronics AN3137 Datasheet HTML 35Page - STMicroelectronics AN3137 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
Methods for precision improvement
AN3137
32/42
Doc ID 16983 Rev 3
After simplification we obtain the final formula for optimal Cext:
and the corresponding waiting time between conversions:
Practically the firmware must not program the ADC in continuous mode but only in single
mode and must ensure that there will be a time gap between conversions with duration
equal to tC. This waiting time is the software change which must be applied together with the
hardware change (adding an external capacitor Cext).
Without implementation of tC waiting time in software (for instance, running a conversion just
after the first one) the external capacitor Cext will cyclically charge from the Csh capacitor.
After a lot of cycles the voltage on Cext will reach a quite high error value (as previously
shown in Figure 17).
A practical example of implementation for STM8L/STM8AL ADC is shown below:
Csh = 16 pF
..... ADC property
Rin = 150 k
..... signal source property
Umax = 4096 lsb
..... ADC property
Ulsb = 0.5 lsb
..... required precision
1
–
In 1
C
sh
C
ext
-----------
U
max
U
lsb
--------------
–
=
e
1
–
1
C
sh
C
ext
-----------
U
max
U
lsb
--------------
–
=
C
ext
C
sh
U
max
U
lsb
--------------
1e
1
–
–
------------------------
158
,
C
sh
U
max
U
lsb
--------------
⋅
≈
=
t
C
R
in
C
ext
⋅
()
–
In 1
1
158
,
--------------
–
⋅
R
in
C
ext
⋅
()
≈≈
Ω
C
ext
158
,
C
sh
U
max
U
lsb
--------------
⋅
158
,
16pF
4096
0.5
-------------
⋅⋅
207nF
220nF
⇒
≈
==
t
C
R
in
C
sh
⋅
()
–
In 1
C
sh
C
ext
-----------
U
max
U
lsb
--------------
–
⋅
150k
Ω 220nF
⋅
()
–
In 1
16pF
220nF
-----------------
4096
0.5
-------------
–
⋅
29891
μs30ms
⇒
≈
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com