Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN3137 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN3137
Description  Analog-to-digital converter on STM8L and STM8AL devices
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3137 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN3137 Datasheet HTML 25Page - STMicroelectronics AN3137 Datasheet HTML 26Page - STMicroelectronics AN3137 Datasheet HTML 27Page - STMicroelectronics AN3137 Datasheet HTML 28Page - STMicroelectronics AN3137 Datasheet HTML 29Page - STMicroelectronics AN3137 Datasheet HTML 30Page - STMicroelectronics AN3137 Datasheet HTML 31Page - STMicroelectronics AN3137 Datasheet HTML 32Page - STMicroelectronics AN3137 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
AN3137
Methods for precision improvement
Doc ID 16983 Rev 3
29/42
Figure 16.
Effect of sampling time extension
If the maximum register value of the sampling time setting is reached and the problem is still
present, you need a more complex solution which is applicable also for measurements of
source with extra high internal impedance (see the section Workaround for extra high
impedance sources below).
Note that for this application you must take into account not only the internal sampling
capacitance, but also any external parasitic capacitance (in parallel to Cext), such as: pin
capacitance, PCB path capacitance, etc.
Do not add any external capacitor (Cext) to the input pin when applying this workaround. Its
capacity will increase the timing constant (Rin * Csh || Cext) and the problem will remain.
Workaround for extra high impedance sources
This workaround consists of 2 parts: a hardware change and a software change.
Hardware change:
The hardware change consists of adding a large external capacitor (Cext) to the input pin.
The capacity size connected to the input pin must reach the value that causes the
discharging of the internal sampling capacity Csh to the external capacitor Cext without
increasing the voltage on Cext to more than 0.5 lsb. For example:
If the internal capacitor (Csh = 16 pF) is charged to full scale (Umax, which corresponds to
4096 lsb), then the external capacitor Cext must be charged at maximum 0.5 lsb voltage
level (Ulsb) after discharging Csh to it. The capacity of Cext will then be:
The closest larger standard value chosen here is: Cext = 150 nF.
C
ext
C
sh
U
max
U
lsb
--------------
⋅
≥
16pF
4096
0.5
-------------
131nF
≈
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com