Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PM0215 Datasheet(PDF) 61 Page - STMicroelectronics

Part # PM0215
Description  STM32F0xxx Cortex-M0 programming manual
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0215 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button PM0215 Datasheet HTML 57Page - STMicroelectronics PM0215 Datasheet HTML 58Page - STMicroelectronics PM0215 Datasheet HTML 59Page - STMicroelectronics PM0215 Datasheet HTML 60Page - STMicroelectronics PM0215 Datasheet HTML 61Page - STMicroelectronics PM0215 Datasheet HTML 62Page - STMicroelectronics PM0215 Datasheet HTML 63Page - STMicroelectronics PM0215 Datasheet HTML 64Page - STMicroelectronics PM0215 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 91 page
background image
PM0215
The STM32 Cortex-M0 instruction set
Doc ID 022979 Rev 1
61/91
3.7
Miscellaneous instructions
Table 23 shows the remaining Cortex-M0 instructions:
3.7.1
BKPT
Breakpoint.
Syntax
BKPT #imm
where: ‘imm’ is an integer in the range 0-255.
Operation
BKPT causes the processor to enter Debug state. Debug tools can use this to investigate
system state when the instruction at a particular address is reached.
imm is ignored by the processor. If required, a debugger can use it to store additional
information about the breakpoint.
The processor might produce a HardFault or go in to lockup if a debugger is not attached
when a BKPT instruction is executed. See Lockup on page 28 for more information.
Restrictions: None
Condition flags
This instruction does not change the flags.
Examples
BKPT
#0
; Breakpoint with immediate value set to 0x0.
Table 23.
Miscellaneous instructions
Mnemonic
Brief description
See
BKPT
Breakpoint
BKPT on page 61
CPSID
Change Processor State, Disable Interrupts
CPSID CPSIE on page 62
CPSIE
Change Processor State, Enable Interrupts
CPSID CPSIE on page 62
DMB
Data Memory Barrier
DMB on page 63
DSB
Data Synchronization Barrier
DSB on page 63
ISB
Instruction Synchronization Barrier
ISB on page 64
MRS
Move from special register to register
MRS on page 64
MSR
Move from register to special register
MSR on page 65
NOP
No Operation
NOP on page 66
SEV
Send Event
SEV on page 66
SVC
Supervisor Call
SVC on page 67
WFE
Wait For Event
WFE on page 67
WFI
Wait For Interrupt
WFI on page 68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com