Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PM0215 Datasheet(PDF) 51 Page - STMicroelectronics

Part # PM0215
Description  STM32F0xxx Cortex-M0 programming manual
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0215 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button PM0215 Datasheet HTML 47Page - STMicroelectronics PM0215 Datasheet HTML 48Page - STMicroelectronics PM0215 Datasheet HTML 49Page - STMicroelectronics PM0215 Datasheet HTML 50Page - STMicroelectronics PM0215 Datasheet HTML 51Page - STMicroelectronics PM0215 Datasheet HTML 52Page - STMicroelectronics PM0215 Datasheet HTML 53Page - STMicroelectronics PM0215 Datasheet HTML 54Page - STMicroelectronics PM0215 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 91 page
background image
PM0215
The STM32 Cortex-M0 instruction set
Doc ID 022979 Rev 1
51/91
3.5.2
ANDS, ORRS, EORS and BICS
Logical AND, OR, exclusive OR and bit clear.
Syntax
ANDS {Rd,} Rn, Rm
ORRS {Rd,} Rn, Rm
EORS {Rd,} Rn, Rm
BICS {Rd,} Rn, Rm
where:
‘Rd’ is the destination register
‘Rn’ is the register holding the first operand and is the same as the destination register.
‘Rm’ is the second register.
Operation
The AND, EOR, and ORR instructions perform bitwise AND, exclusive OR, and inclusive OR
operations on the values in Rn and Rm.
The BIC instruction performs an AND operation on the bits in Rn with the logical negation of
the corresponding bits in the value of Rm.
The condition code flags are updated on the result of the operation, seeThe condition flags
on page 39.
Restrictions
In these instructions, Rd, Rn, and Rm must only specify R0-R7.
Condition flags
These instructions:
update the N and Z flags according to the result
do not affect the C or V flag.
Examples
ANDS
R2, R2, R1
ORRS
R2, R2, R5
ANDS
R5, R5, R8
EORS
R7, R7, R6
BICS
R0, R0, R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com