Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PM0215 Datasheet(PDF) 30 Page - STMicroelectronics

Part # PM0215
Description  STM32F0xxx Cortex-M0 programming manual
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0215 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button PM0215 Datasheet HTML 26Page - STMicroelectronics PM0215 Datasheet HTML 27Page - STMicroelectronics PM0215 Datasheet HTML 28Page - STMicroelectronics PM0215 Datasheet HTML 29Page - STMicroelectronics PM0215 Datasheet HTML 30Page - STMicroelectronics PM0215 Datasheet HTML 31Page - STMicroelectronics PM0215 Datasheet HTML 32Page - STMicroelectronics PM0215 Datasheet HTML 33Page - STMicroelectronics PM0215 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 91 page
background image
The STM32 Cortex-M0 processor
PM0215
30/91
Doc ID 022979 Rev 1
Wakeup from WFE
The processor wakes up if:
it detects an exception with sufficient priority to cause exception entry
it detects an external event signal, see Section 2.5.3: The external event input
In addition, if the SEVONPEND bit in the SCR is set to 1, any new pending interrupt triggers
an event and wakes up the processor, even if the interrupt is disabled or has insufficient
priority to cause exception entry. For more information about the SCR see System control
register (SCR) on page 81.
2.5.3
The external event input
The processor provides an external event input signal. This signal can be generated by up
to 16 external input lines and other internal asynchronous events, configured through the
extended interrupt and event controller (EXTI).
This signal can wakeup the processor from WFE, or set the internal WFE event register to
one to indicate that the processor must not enter sleep mode on a later WFE instruction, see
Wait for event on page 29. Fore more details please refer to the STM32 reference manual,
section 4.3 Low power modes.
2.5.4
Power management programming hints
ISO/IEC C cannot directly generate the WFI, WFE or SEV instructions. The CMSIS provides
the following functions for these instructions:
void __WFE(void) // Wait for Event
void __WFI(void) // Wait for Interrupt
void __SEV(void) // Send Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com