Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PM0215 Datasheet(PDF) 85 Page - STMicroelectronics

Part # PM0215
Description  STM32F0xxx Cortex-M0 programming manual
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0215 Datasheet(HTML) 85 Page - STMicroelectronics

Back Button PM0215 Datasheet HTML 81Page - STMicroelectronics PM0215 Datasheet HTML 82Page - STMicroelectronics PM0215 Datasheet HTML 83Page - STMicroelectronics PM0215 Datasheet HTML 84Page - STMicroelectronics PM0215 Datasheet HTML 85Page - STMicroelectronics PM0215 Datasheet HTML 86Page - STMicroelectronics PM0215 Datasheet HTML 87Page - STMicroelectronics PM0215 Datasheet HTML 88Page - STMicroelectronics PM0215 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 91 page
background image
PM0215
Core peripherals
Doc ID 022979 Rev 1
85/91
4.4
SysTick timer (STK)
When enabled, the timer:
●
counts down from the reload value to zero,
●
reloads (wraps to) the value in the STK_RVR on the next clock cycle,
●
then decrements on subsequent clock cycles.
Writing a value of zero to the STK_RVR disables the counter on the next wrap.
When the counter transitions to zero, the COUNTFLAG status bit is set to 1.
Reading STK_CSR clears the COUNTFLAG bit to 0.
Writing to the STK_CVR clears the register and the COUNTFLAG status bit to 0. The write
does not trigger the SysTick exception logic.
Reading the register returns its value at the time it is accessed.
When the processor is halted for debugging the counter does not decrement.
Table 33.
System timer registers summary
Address
Name
Type
Reset value
Description
0xE000E010 STK_CSR
RW
0x00000000
SysTick control and status register (STK_CSR)
on page 86
0xE000E014 STK_RVR
RW
Unknown
SysTick reload value register (STK_RVR) on
page 87
0xE000E018 STK_CVR
RW
Unknown
SysTick current value register (STK_CVR) on
page 87
0xE000E01C STK_CALIB RO
0xC0000000
SysTick calibration value register (STK_CALIB)
on page 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com