Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP6343 Datasheet(PDF) 7 Page - Lowpower Semiconductor inc

Part # LP6343
Description  Output Voltage Range: 0.6V to VIN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6343 Datasheet(HTML) 7 Page - Lowpower Semiconductor inc

Back Button LP6343 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6343 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6343 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6343 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6343 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6343 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6343 Datasheet HTML 9Page - Lowpower Semiconductor inc LP6343 Datasheet HTML 10Page - Lowpower Semiconductor inc LP6343 Datasheet HTML 11Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Preliminary Datasheet
LP6343
LP6343 –00 Version 1.0 Datasheet
Feb.-2010
www.lowpowersemi.com
Page 7 of 12
Application Information
The LP6343 is a high output current monolithic
switch-mode step-down DC-DC converter. The device
operates at a fixed 1.2MHz switching frequency, and uses a
slope compensated current mode architecture. This
step-down DC-DC converter can supply up to 2A output
current at VIN = 3V and has an input voltage range from
2.5V to 5.5V. It minimizes external component size and
opti-mizes efficiency at the heavy load range. The slope
com-pensation allows the device to remain stable over a
wider range of inductor values so that smaller values (1μH
to 4.7μH) with lower DCR can be used to achieve higher
efficiency. Apart from the small bypass input capacitor,
only a small L-C filter is required at the output. The device
can be programmed with external feedback to any voltage,
ranging from 0.6V to near the input volt-age. It uses
internal MOSFETs to achieve high efficiency and can
generate very low output voltages by using an internal
reference of 0.6V. At dropout, the converter duty cycle
increases to 100% and the output voltage tracks the input
voltage minus the low RDS(ON) drop of the P-channel
high-side MOSFET and the inductor DCR. The internal
error amplifier and compensation provides excellent
transient response, load and line regulation. Internal soft
start eliminates any output voltage over-shoot when the
enable or the input voltage is applied.
Current Mode PWM Control
Slope compensated current mode PWM control provides
stable switching and cycle-by-cycle current limit for
excellent load and line response with protection of the
internal
main
switch
(P-channel
MOSFET)
and
synchronous rectifier (N-channel MOSFET). During
normal operation, the internal P-channel MOSFET is turned
on for a specified time to ramp the inductor current at each
rising edge of the internal oscillator, and switched off when
the peak inductor current is above the error volt-age. The
current comparator, ICOMP, limits the peak inductor current.
When the main switch is off, the synchronous rectifier turns
on immediately and stays on until either the inductor
current starts to reverse, as indicated by the current reversal
comparator, IZERO, or the beginning of the next clock cycle.
Control Loop
The LP6343 is a peak current mode step-down converter.
The current through the P-channel MOSFET (high side) is
sensed for current loop control, as well as short circuit and
overload protection. A slope compensation signal is added
to the sensed current to maintain stability for duty cycles
greater than 50%. The peak current mode loop appears as a
voltage-programmed current source in parallel with the
output capacitor. The output of the voltage error amplifier
programs the current mode loop for the necessary peak
switch current to force a constant output voltage for all load
and line conditions. Internal loop compensation terminates
the transconductance voltage error amplifier output. The
error amplifier reference is fixed at 0.6V.
Soft Start / Enable
Soft start limits the current surge seen at the input and
eliminates output voltage overshoot. The enable pin is
active high. When pulled low, the enable input (EN) forces
the LP6343 into a low-power, non-switching state. The total
input current during shutdown is less than 1μA.
Setting the Output Voltage
Figure 1 shows the basic application circuit for the LP6343.
The LP6343 can be externally programmed. Resistors R1
and R2 in Figure 1 program the output to regulate at a
voltage higher than 0.6V. To limit the bias current required
for the external feedback resistor string while maintaining
good noise immunity, the minimum suggested value for R2
is 59kΩ. Although a larger value will further reduce
quiescent current, it will also increase the impedance of the
feedback node, making it more sensitive to external noise
and interference. Table 1 summarizes the resistor values for
various output volt-ages with R2 set to either 59kΩ for
good noise immunity or 316kΩ for reduced no load input
current. The LP6343, combined with an external feed
forward capacitor (C3 in Figure 1), delivers enhanced
transient response for extreme pulsed load applications. The
addition of the feed forward capacitor typically requires a
larger output capacitor C2 for stability. The external resistor
sets the output voltage according to the following equation:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com