Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP6343 Datasheet(PDF) 9 Page - Lowpower Semiconductor inc

Part # LP6343
Description  Output Voltage Range: 0.6V to VIN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6343 Datasheet(HTML) 9 Page - Lowpower Semiconductor inc

Back Button LP6343 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6343 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6343 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6343 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6343 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6343 Datasheet HTML 9Page - Lowpower Semiconductor inc LP6343 Datasheet HTML 10Page - Lowpower Semiconductor inc LP6343 Datasheet HTML 11Page - Lowpower Semiconductor inc LP6343 Datasheet HTML 12Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Preliminary Datasheet
LP6343
LP6343 –00 Version 1.0 Datasheet
Feb.-2010
www.lowpowersemi.com
Page 9 of 12
The input capacitor RMS ripple current varies with the
input and output voltage and will always be less than or
equal to half of the total DC load current.
To minimize stray inductance, the capacitor should be
placed as closely as possible to the IC. This keeps the high
frequency content of the input current localized,
minimizing EMI and input voltage ripple. The proper
placement of the input capacitor (C1) can be seen in the
evaluation board layout in Figures 2 and 3.
A laboratory test set-up typically consists of two long wires
running from the bench power supply to the evaluation
board input voltage pins. The inductance of these wires,
along with the low-ESR ceramic input capacitor, can create
a high Q network that may affect converter performance.
This problem often becomes apparent in the form of
excessive ringing in the output voltage during load
transients. Errors in the loop phase and gain measurements
can also result. Since the inductance of a short PCB trace
feeding the input voltage is significantly lower than the
power leads from the bench power supply, most
applications do not exhibit this problem. In applications
where the input power source lead inductance cannot be
reduced to a level that does not affect the converter
performance, a high ESR tantalum or aluminum electrolytic
should be placed in parallel with the low ESR, ESL bypass
ceramic. This dampens the high Q network and stabilizes
the system.
Output Capacitor Selection
The function of output capacitance is to store energy to
attempt to maintain a constant voltage. The energy is stored
in the capacitor’s electric field due to the voltage applied.
The value of output capacitance is generally selected to
limit output voltage ripple to the level required by the
specification. Since the ripple current in the output inductor
is usually determined by L, VOUT and VIN, the series
impedance of the capacitor primarily determines the out-put
voltage ripple. The three elements of the capacitor that
contribute to its impedance (and output voltage ripple) are
equivalent series resistance (ESR), equivalent series
inductance (ESL), and capacitance (C). The output voltage
droop due to a load transient is dominated by the
capacitance of the ceramic output capacitor. During a step
increase in load current, the ceramic output capacitor alone
supplies the load current until the loop responds. Within
three switching cycles, the loop responds and the inductor
current increases to match the load current demand. The
relationship of the output voltage droop during the three
switching cycles to the output capacitance can be estimated
by:
In many practical designs, to get the required ESR, a
capacitor with much more capacitance than is needed must
be selected. For both continuous or discontinuous inductor
current mode operation, the ESR of the COUT needed to
limit the ripple to ∆VO, V peak-to-peak is:
Ripple current flowing through a capacitor’s ESR causes
power dissipation in the capacitor. This power dissipation
causes a temperature increase internal to the capacitor.
Excessive temperature can seriously shorten the expected
life of a capacitor. Capacitors have ripple current ratings
that are dependent on ambient temperature and should not
be exceeded. The output capacitor ripple cur-rent is the
inductor current, IL, minus the output current, IO. The
RMS value of the ripple current flowing in the output
capacitance (continuous inductor current mode operation) is
given by:
ESL can be a problem by causing ringing in the low
megahertz region but can be controlled by choosing low
ESL capacitors, limiting lead length (PCB and capacitor),
and replacing one large device with several smaller ones
connected in parallel. In conclusion, in order to meet the
requirement of out-put voltage ripple small and regulation
loop stability, ceramic capacitors with X5R or X7R
dielectrics are recommended due to their low ESR and high
ripple current ratings.
The output ripple VOUT is
determined by:
A 22μF ceramic capacitor can satisfy most applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com