Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP6343 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP6343
Description  Output Voltage Range: 0.6V to VIN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6343 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP6343 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6343 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6343 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6343 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6343 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6343 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6343 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6343 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6343 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Preliminary Datasheet
LP6343
LP6343 –00 Version 1.0 Datasheet
Feb.-2010
www.lowpowersemi.com
Page 2 of 12
Functional Pin Description
SW
PGOOD
AGND
2
7
PGND
4
VIN
DFN10
SW
10
3
6
PGND
10
5
EN
VIN
1
7
VIN
EP
6
SW
5
PGND
8
9
FB
PGND
PGOOD
AGND
EP
1
9
4
MSOP10
SW
VIN
3
EN
8
2
FB
Pi n Desc ript io n
Pin NO
PIN
DESCRIPTION
1
EN
Enable Control Input. Drive EN1 above 1.5V to turn on the Channel. Drive EN below 0.4V to turn it off
(shutdown current < 0.1µA).
2, 3
Vin
Supply Input.
4
PGOOD
Power Good Open Drain Output. Connects a 100kΩ pull up resistor between VIN and this pin to obtain a
PGOOD voltage. Connect this pin to AGND if not used.
5
FB
Feedback Input. Connect FB to the center point of the external resistor divider.
Normal voltage for this pin is 0.6V.
7, 8
SW
Switch Mode Connection to Inductor. This pin connects to the drains of the
internal main and synchronous power MOSFET switches.
6,9,10
AGND/PGND Ground.
11
EP
Exposed PAD - must connect to Ground
Function Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com