Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP6343 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP6343
Description  Output Voltage Range: 0.6V to VIN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6343 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP6343 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6343 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6343 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6343 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6343 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6343 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6343 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6343 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6343 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Preliminary Datasheet
LP6343
LP6343 –00 Version 1.0 Datasheet
Feb.-2010
www.lowpowersemi.com
Page 1 of 12
1.5MHz,
3A Step-down Converter With Soft-Start
General Description
The LP6343 contains a independent 1.5MHz constant
frequency, current mode, PWM step-down converters.
The converter integrates a main switch and a
synchronous rectifier for high efficiency without an
external Schottky diode. The LP6343 is ideal for
powering portable equipment that runs from a single cell
Lithium-Ion (Li+) battery. The converter can supply
3000mA of load current from a 2.5V to 5.5V input
voltage. The output voltage can be regulated as low as
0.6V. The LP6343 can also run at 100% duty cycle for
low dropout applications.
The LP6343 is available in a 10-lead 3mm*3mm TDFN-10
and EMSOP-10 package and is rated over the -40°C to
85°C temperature range.
Order Information
LP6343□
□ □
F: Pb-Free
Package Type
QV: TDFN-10
MS: MSOP-10(E)
Output type
A: Adjustable
Typical Application Circuit
Features
Input Voltage Range: 2.5V to 5.5V
Output Voltage Range: 0.6V to VIN
3000mA Load Current on Channel
Up to 95% Efficiency
100% Duty Cycle in Dropout
< 1 u A Quiescent Current
1.5MHz Switching Frequency
Soft star Function
Short Circuit Protection
Current Mode Operation
Thermal Fault Protection
3 m m × 3 m m TDFN-10 or MSOP-10 Package
RoHS Compliant and 100% Lead (Pb)-Free
Applications
Portable Media Players
Cellular and Smart mobile phone
PDA/DSC
GPS Applications
Marking Information
Please see website. www.lowpowersemi.com
R1
45K
LP6343AQVF
1
7
5
2
3
8
4
EN
SW
FB
Vin
Vin
SW
PGOOD
Vout=(R1/R2+1)*0.6V
22uF*2
2.2uH
22uF
3.3V/3A
22pF
VIN_5V
R2
10K


Similar Part No. - LP6343

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6341 POWER-LP6341 Datasheet
549Kb / 7P
1.5MHz, 1.5A Step-down Converter With Soft-Start
LP6341X-12QVF POWER-LP6341X-12QVF Datasheet
549Kb / 7P
1.5MHz, 1.5A Step-down Converter With Soft-Start
LP6341X-18QVF POWER-LP6341X-18QVF Datasheet
549Kb / 7P
1.5MHz, 1.5A Step-down Converter With Soft-Start
LP6341X-33QVF POWER-LP6341X-33QVF Datasheet
549Kb / 7P
1.5MHz, 1.5A Step-down Converter With Soft-Start
LP6341X-AQVF POWER-LP6341X-AQVF Datasheet
549Kb / 7P
1.5MHz, 1.5A Step-down Converter With Soft-Start
More results

Similar Description - LP6343

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL05E ARTESYN-SIL05E Datasheet
432Kb / 11P
0.75 Vin to 3.63 Vin Single output
SIL15E ARTESYN-SIL15E Datasheet
564Kb / 23P
3.0 Vin to 5.5 Vin Single output
SMT05E ARTESYN-SMT05E Datasheet
580Kb / 15P
0.75 Vin to 3.63 Vin Single output
SMT05E-12V ARTESYN-SMT05E-12V Datasheet
230Kb / 12P
0.8 Vin - 3.63 Vin Single output
SMT10E ARTESYN-SMT10E Datasheet
658Kb / 32P
3.0 Vin to 5.5 Vin Single output
SMT15E-12V ARTESYN-SMT15E-12V Datasheet
290Kb / 12P
0.8 Vin to 3.63 Vin Single output
logo
Texas Instruments
LM2727 TI-LM2727 Datasheet
1Mb / 31P
input Power from 2.2V to 16V, Output voltage Adjustable Down to 0.6V
PT4482N TI-PT4482N Datasheet
157Kb / 7P
36V to 75V Input Voltage Range Programmable Output Voltage Range: 1.3V to 3.5V
logo
Lowpower Semiconductor ...
LP6302 POWER-LP6302 Datasheet
1,016Kb / 7P
Output Voltage Range: 0.6V to VIN
LP6342 POWER-LP6342 Datasheet
782Kb / 15P
Output Voltage Range: 0.6V to VIN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com