Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP6343 Datasheet(PDF) 8 Page - Lowpower Semiconductor inc

Part # LP6343
Description  Output Voltage Range: 0.6V to VIN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6343 Datasheet(HTML) 8 Page - Lowpower Semiconductor inc

Back Button LP6343 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6343 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6343 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6343 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6343 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6343 Datasheet HTML 9Page - Lowpower Semiconductor inc LP6343 Datasheet HTML 10Page - Lowpower Semiconductor inc LP6343 Datasheet HTML 11Page - Lowpower Semiconductor inc LP6343 Datasheet HTML 12Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Preliminary Datasheet
LP6343
LP6343 –00 Version 1.0 Datasheet
Feb.-2010
www.lowpowersemi.com
Page 8 of 12
Vout=0.6 V X (1+R1/R2)
Table 1 shows the resistor selection for different output
voltage settings.
Vout(V) R2=59KΩ
R1(KΩ)
R1=316KΩ
R2(KΩ)
0.8
19.6
105
0.9
29.4
158
1.0
39.2
210
1.1
49.9
261
1.2
59
316
1.3
68.1
365
1.4
78.7
422
1.5
88.7
475
1.8
118
634
1.85
124
655
2.0
137
732
2.5
187
1000
3.3
267
1430
Table 1: Resistor Selections for Different Output
Voltage Settings (Standard 1% Resistors
Substituted For Calculated Values).
Inductor Selection
For most designs, the LP6343 operates with inductor values
of 1μH to 4.7μH. Low inductance values are physically
smaller but require faster switching, which results in some
efficiency loss. The inductor value can be derived from
the following equation:
Where ΔIL is inductor ripple current. Large value inductors
lower ripple current and small value inductors result in high
ripple
currents.
Choose
inductor
ripple
current
approximately 30% of the maximum load current 2A, or
ΔIL=600mA
For output voltages above 2.0V, when light-load efficiency
is important, the minimum recommended inductor is 2.2μH.
Manufacturer’s specifications list both the inductor DC
current rating, which is a thermal limitation, and the peak
current rating, which is determined by the saturation
characteristics. The inductor should not show any
appreciable saturation under normal load conditions. Some
inductors may meet the peak and average current ratings yet
result in excessive losses due to a high DCR.
Always consider the losses associated with the DCR and its
effect on the total converter efficiency when selecting an
inductor. For optimum voltage-positioning load transients,
choose an inductor with DC series resistance in the 20mΩ
to 100mΩ range. For higher efficiency at heavy loads
(above 200mA), or minimal load regulation (but some
transient overshoot), the resistance should be kept below
100mΩ. The DC current rating of the inductor should be
at least equal to the maximum load current plus half the
ripple current to prevent core saturation (2A + 600mA).
Table 2 lists some typical surface mount inductors that meet
target applications for the LP6343. For example, the 2.2μH
CDRH5D16-2R2 inductor selected from Sumida has a
28.7mΩ DCR and a 3.0ADC cur-rent rating. At full load,
the inductor DC loss is 57mW which gives a 1.6% loss in
efficiency for a 1200mA, 1.8V output.
Slope Compensation
The LP6343 step-down converter uses peak current mode
control with slope compensation for stability when duty
cycles are greater than 50%. The slope compensation is set
to maintain stability with lower value inductors which
provide better overall efficiency. The output inductor value
must be selected so the inductor current down slope meets
the internal slope compensation requirements. As an
example, the value of the slope compensation is set to
1A/μs which is large enough to guarantee stability when
using a 2.2μH inductor for all output volt-age levels from
0.6V to 3.3V. The worst case external current slope (m)
using the 2.2μH inductor is when VOUT = 3.3V and is:
To keep the power supply stable when the duty cycle is
above 50%, the internal slope compensation (mA) should
be:
Therefore, to guarantee current loop stability, the slope of
the compensation ramp must be greater than one-half of the
down slope of the current waveform. So the internal slope
compensated value of 1A/μs will guarantee stability using a
2.2μH inductor value for all output volt-ages from 0.6V to
3.3V.
Input Capacitor Selection
The input capacitor reduces the surge current drawn from
the input and switching noise from the device. The input
capacitor impedance at the switching frequency should be
less than the input source impedance to pre-vent high
frequency switching current passing to the input. The
calculated value varies with input voltage and is a
maximum when VIN is double the output voltage.
A low ESR input capacitor sized for maximum RMS
cur-rent must be used. Ceramic capacitors with X5R or
X7R dielectrics are highly recommended because of their
low ESR and small temperature coefficients.
A 22μF
ceramic capacitor for most applications is sufficient. A
large value may be used for improved input voltage
filtering.The maximum input capacitor RMS current is:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com