Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX459CPL Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX459CPL
Description  8x4 Video Crosspoint Switches with Buffers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX459CPL Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX459CPL Datasheet HTML 5Page - Maxim Integrated Products MAX459CPL Datasheet HTML 6Page - Maxim Integrated Products MAX459CPL Datasheet HTML 7Page - Maxim Integrated Products MAX459CPL Datasheet HTML 8Page - Maxim Integrated Products MAX459CPL Datasheet HTML 9Page - Maxim Integrated Products MAX459CPL Datasheet HTML 10Page - Maxim Integrated Products MAX459CPL Datasheet HTML 11Page - Maxim Integrated Products MAX459CPL Datasheet HTML 12Page - Maxim Integrated Products MAX459CPL Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
8x4 Video Crosspoint Switches with Buffers
_______________________________________________________________________________________
9
_______________Detailed Description
Analog Section
The MAX458/MAX459 video crosspoint switches consist
of a high-speed 32 (8x4) switch array with wide-band-
width line drivers (Figure 1). This design allows make-
before-break switching to reduce output noise and
glitches, but the inputs will not short together. It also pro-
vides high input impedance and low input capacitance,
so no input buffer amplifier is needed. However,
because different transistors provide gain depending on
the input selection, the DC offset voltage shifts slightly
when a new input is switched in. The change in offset
voltage is typically 3mV.
All output buffers will drive back-terminated 50
Ω, 75Ω,
or higher impedance lines with up to 100pF capaci-
tance. The amplifier outputs can be disabled, which is
useful for creating large arrays. When disabled, the
MAX458 presents an output impedance of approxi-
mately 1M
Ω. The MAX459 disabled output impedance
is 1k
Ω (to ground), due to the internal feedback resis-
tors used to achieve the gain of two.
During power-on, if
–
C
—
S
–
and
–
U
—
P
—
D
—
A
—
T
—
E
–
are held high, all
output amplifiers are disabled. In a large array, this
feature prevents two ON paralleled amplifiers from dis-
torting each other’s signals. The amplifiers can be pro-
grammed to come up in any state simultaneously at any
time after power-on. See the
Creating Large Arrays
section.
Digital Section—Parallel Mode
The MAX458/MAX459 have two register banks—an
input register and a switch register (Figure 2). Each of
these registers is either latched (when the control input
is high) or transparent (when the control input is low).
The input register is controlled by
–
W
—
R
–
and
–
C
—
E
–
and is
selected by the decode of A0 and A1. If both
–
W
—
R
–
and
–
C
—
E
–
are low, the input register selected by A0 and A1 is
transparent, and the state of D0–D3 is presented to the
switch register. The other three input registers remain
latched. If D0–D3 change before
–
U
—
P
—
D
—
A
—
T
—
E
–
is asserted
(goes low), the new data (the changed D0–D3) will then
be latched in the switch register. If
–
W
—
R
–
or
–
C
—
E
–
is high, all
input registers are latched and their data is presented
Table 1. Amplifier Selection
Table 2. Input Selection
Table 3. Writing Data
H
H
L
L
H
L
–
U
—
P
—
D
—
A
—
T
—
E
–
L
L
H
X
H
X
X
H
X
H
L
L
All switch registers and selected input regis-
ter are transparent. Selected amplifier (cho-
sen by state of A0, A1) reflects input data.
Other amplifiers reflect data that had been
latched into the input registers previously.
Input register of selected amplifier is trans-
parent. Switch registers are latched. Other
input registers are latched.
Data in input registers passes through
switch registers. Output reflects data in
input registers.
Device not selected or is operating in seri-
al mode. Both registers are latched.
FUNCTION
–
W
—
R
–
–
C
—
E
–
X
X
H
X
Disable output amplifier
selected by A0, A1.
H
H
L
L
L
H
L
H
L
L
L
L
H
H
H
H
7
6
5
4
H
H
L
L
L
H
L
H
D0
D1
L
L
L
L
L
L
L
L
3
2
1
0
Input Channel Selected
D2
D3
H
H
L
L
L
H
L
H
3
2
1
0
Output Amplifier Selected
A0
A1
MAX458
MAX459
CS
SCLK
WR
CE
A0
A1
D0
D1
D2
D3
DOUT
SHDN
DIN
VCC
UPDATE
WRITE
AMPLIFIER SELECT A0
CHIP ENABLE (SELECT)
AMPLIFIER SELECT A1
DATA BIT D0
DATA BIT D1
DATA BIT D2
SHUTDOWN
DATA BIT D3
40
39
37
36
26
25
24
23
22
19
1
20
21
38
UPDATE
Pin numbers apply to DIP package.
Figure 3. Parallel Connection (only logic pins shown)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com