Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX459CPL Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX459CPL
Description  8x4 Video Crosspoint Switches with Buffers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX459CPL Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX459CPL Datasheet HTML 1Page - Maxim Integrated Products MAX459CPL Datasheet HTML 2Page - Maxim Integrated Products MAX459CPL Datasheet HTML 3Page - Maxim Integrated Products MAX459CPL Datasheet HTML 4Page - Maxim Integrated Products MAX459CPL Datasheet HTML 5Page - Maxim Integrated Products MAX459CPL Datasheet HTML 6Page - Maxim Integrated Products MAX459CPL Datasheet HTML 7Page - Maxim Integrated Products MAX459CPL Datasheet HTML 8Page - Maxim Integrated Products MAX459CPL Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
8x4 Video Crosspoint Switches with Buffers
4
_______________________________________________________________________________________
TIMING CHARACTERISTICS (Note 12)
(VCC = +5V, VEE = -5V, -2V ≤ VIN ≤ +2V, output load resistor (RL) = 150Ω, TA = TMIN to TMAX, unless otherwise noted.)
CONDITIONS
ns
200
tDO
SCLK Fall to DOUT
ns
0
tDH
DIN to SCLK Rise Hold Time
ns
50
tDS
DIN to SCLK Rise Setup Time
ns
30
tCL
SCLK Pulse Width Low
ns
50
tCH
SCLK Pulse Width High
ns
35
tCSS
–
C
—
S
–
Fall to SCLK Rise
ns
0
tCSO
SCLK to
–
C
—
S
–
Fall
ns
25
tUPS
–
U
—
P
—
D
—
A
—
T
—
E
–
Rise to
–
W
—
R
–
Fall Setup Time
ns
0
tCES
–
C
—
E
–
Fall to
–
W
—
R
–
Fall Setup Time
ns
0
tADH
Address to
–
W
—
R
–
Rise Hold Time
ns
40
tUP
–
U
—
P
—
D
—
A
—
T
—
E
–
Pulse Width Low
ns
0
tWRS
–
W
—
R
–
Rise to
–
U
—
P
—
D
—
A
—
T
—
E
–
Fall Setup Time
ns
0
tDH
Data to
–
W
—
R
–
Rise Hold Time
ns
50
tDS
Data to
–
W
—
R
–
Rise Setup Time
ns
0
tCEH
–
C
—
E
–
Rise to
–
W
—
R
–
Rise Hold Time
ns
40
tWR
–
W
—
R
–
Pulse Width Low
UNITS
MIN
MAX
SYMBOL
PARAMETER
ns
20
tADS
Address to
–
W
—
R
–
Fall Setup Time
ns
30
tCSH
SCLK Rise to
–
C
—
S
–
Rise
ns
20
tCS1
–
C
—
S
–
Rise to SCLK Rise
ns
100
tCSW
–
C
—
S
–
Pulse Width High
PARALLEL-MODE TIMING (see Figure 1)
SERIAL-MODE TIMING (see Figure 6)
Note 12: Timing Characteristics are guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com