Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX459CPL Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX459CPL
Description  8x4 Video Crosspoint Switches with Buffers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX459CPL Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX459CPL Datasheet HTML 1Page - Maxim Integrated Products MAX459CPL Datasheet HTML 2Page - Maxim Integrated Products MAX459CPL Datasheet HTML 3Page - Maxim Integrated Products MAX459CPL Datasheet HTML 4Page - Maxim Integrated Products MAX459CPL Datasheet HTML 5Page - Maxim Integrated Products MAX459CPL Datasheet HTML 6Page - Maxim Integrated Products MAX459CPL Datasheet HTML 7Page - Maxim Integrated Products MAX459CPL Datasheet HTML 8Page - Maxim Integrated Products MAX459CPL Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
_______________General Description
The MAX458/MAX459 are crosspoint switches with eight
input channels and four high-speed, buffered output
channels. The MAX458 output buffer is configured with a
gain of one, while the MAX459 buffer has a gain of two. In
each device, any one of eight input lines can be connect-
ed to any of four output amplifiers. The output buffers are
capable of driving loads of 75
Ω.
Data interface can be accomplished by either a 16-bit
serial or a 6-bit parallel connection. In the serial mode,
the MAX458/MAX459 are SPITM, QSPITM, and MicrowireTM
compatible. In parallel mode, the MAX458/MAX459 are
compatible with most microprocessor buses. Three-state
amplifier output capability makes it possible to multiplex
MAX458/MAX459s to form larger switch networks. The
output buffers can be disabled individually or the entire
device can be shut down to conserve power.
________________________Applications
Video Test Equipment
Video Security Systems
Video Editing
_____________________Block Diagram
____________________________Features
o 100MHz Unity-Gain Bandwidth
o 300V/µs Slew Rate
o Low 0.05° Differential Phase Error
o Low 0.01% Differential Gain Error
o Directly Drives 75
Ω Cables
o Fast 60ns Switching Time
o High-Z Amplifier Output Capability
o Shutdown Capability
o 16-Bit Serial and 6-Bit Parallel Address Modes
o 40-Pin DIP and 44-Pin PLCC Packages
______________Ordering Information
_________________Pin Configurations
8x4 Video Crosspoint Switches with Buffers
_______________________________________________________________
Maxim Integrated Products
1
Call toll free 1-800-998-8800 for free samples or literature.
19-0258; Rev 2; 4/95
PART
MAX458CPL
MAX458CQH
MAX458EPL
-40°C to +85°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
40 Plastic DIP
44 PLCC
40 Plastic DIP
EVALUATION
KIT MANUAL
FOLLOWS
DATA
SHEET
™ SPI and QSPI are trademarks of Motorola, Inc. Microwire is a trademark of National Semiconductor Corp.
MAX459CPL
MAX459CQH
MAX459EPL
-40°C to +85°C
0°C to +70°C
0°C to +70°C
40 Plastic DIP
44 PLCC
40 Plastic DIP
75
Ω
75
Ω
OUT0
75
Ω
75
Ω
GND
OUT1
75
Ω
75
Ω
GND
OUT2
75
Ω
75
Ω
GND
OUT3
SERIAL/PARALLEL INTERFACE
(SPI™, QSPI™, MICROWIRE™ COMPATIBLE)
8 BUFFERED
INPUTS
8 x 4
SWITCH ARRAY
4 75
Ω
OUTPUT DRIVERS
GND
75
Ω
IN7
GND
GND
75
Ω
IN6
GND
75
Ω
IN5
GND
75
Ω
IN4
GND
75
Ω
IN3
GND
75
Ω
IN2
GND
75
Ω
IN1
75
Ω
IN0
GND
MAX459
8 x 4
SWITCH
ARRAY
AV = 2
AV = 2
AV = 2
AV = 2
SERIAL OR PARALLEL
DIGITAL INTERFACE
& CONTROL
44
1
2
3
440
41
42
43
5
21
24
26
25
27 28
22 23
19 20
8
9
10
11
12
13
14
15
16
17
29
30
31
32
33
34
35
36
37
38
IN6
MAX458
MAX459
PLCC
TOP VIEW
DIP on last page.
OUT0
GND
OUT1
VCC
OUT2
VEE
N.C.
OUT3
GND
A0
GND
IN5
VEE
IN4
VCC
IN3
GND
IN2
GND
7
39
GND
IN1
6
18


Similar Part No. - MAX459CPL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4590 MAXIM-MAX4590 Datasheet
211Kb / 12P
1.25Ω, Dual SPST, CMOS Analog Switches
Rev 1; 6/03
MAX4590CAE MAXIM-MAX4590CAE Datasheet
193Kb / 12P
1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 10/98
MAX4590CAE MAXIM-MAX4590CAE Datasheet
211Kb / 12P
1.25Ω, Dual SPST, CMOS Analog Switches
Rev 1; 6/03
MAX4590CPE MAXIM-MAX4590CPE Datasheet
193Kb / 12P
1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 10/98
MAX4590CPE MAXIM-MAX4590CPE Datasheet
211Kb / 12P
1.25Ω, Dual SPST, CMOS Analog Switches
Rev 1; 6/03
More results

Similar Description - MAX459CPL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4359 MAXIM-MAX4359 Datasheet
249Kb / 16P
Low-Cost 4x4, 8x4, 8x8 Video Crosspoint Switches
Rev 1; 12/99
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
Video Crosspoint Switch Video Crosspoint Switch
logo
Maxim Integrated Produc...
MAX4355 MAXIM-MAX4355 Datasheet
730Kb / 40P
16x16 Nonblocking Video Crosspoint Switch with I/O Buffers
Rev 0; 10/01
MAX4357 MAXIM-MAX4357 Datasheet
792Kb / 42P
32 x 16 Nonblocking Video Crosspoint Switch with I/O Buffers
Rev 0; 10/01
logo
Analog Devices
AD8106 AD-AD8106_15 Datasheet
580Kb / 28P
Video Crosspoint Switches
REV. 0
AD8107 AD-AD8107_15 Datasheet
580Kb / 28P
Video Crosspoint Switches
REV. 0
AD8106 AD-AD8106_16 Datasheet
416Kb / 22P
Video Crosspoint Switches
5/16-Rev. 0 to Rev. A
AD8108 AD-AD8108_16 Datasheet
469Kb / 27P
8x8 Buffered Video Crosspoint Switches
5/2016-Rev. B to Rev. C
AD8110 AD-AD8110_16 Datasheet
288Kb / 21P
16x 8 Buffered Video Crosspoint Switches
logo
Maxim Integrated Produc...
MAX4359 MAXIM-MAX4359_V01 Datasheet
444Kb / 17P
Low-Cost 4x4, 8x4, 8x8 Video Crosspoint Switches
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com