Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX459CPL Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX459CPL
Description  8x4 Video Crosspoint Switches with Buffers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX459CPL Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX459CPL Datasheet HTML 1Page - Maxim Integrated Products MAX459CPL Datasheet HTML 2Page - Maxim Integrated Products MAX459CPL Datasheet HTML 3Page - Maxim Integrated Products MAX459CPL Datasheet HTML 4Page - Maxim Integrated Products MAX459CPL Datasheet HTML 5Page - Maxim Integrated Products MAX459CPL Datasheet HTML 6Page - Maxim Integrated Products MAX459CPL Datasheet HTML 7Page - Maxim Integrated Products MAX459CPL Datasheet HTML 8Page - Maxim Integrated Products MAX459CPL Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
8x4 Video Crosspoint Switches with Buffers
_______________________________________________________________________________________
5
100
20
-60 -40 -20 0
20 40 60 80 100 120 140
POWER SUPPLY CURRENT
vs. TEMPERATURE
40
80
TEMPERATURE (°C)
60
ICC
IEE
180
144
108
72
36
0
-6
-4
-2
0
2
4
6
0.1
1
10
100 250
MAX458
GAIN vs. FREQUENCY
FREQUENCY (MHz)
GAIN
PHASE
180
144
108
72
36
0
0
2
4
6
0.1
1
10
100 250
MAX459
GAIN vs. FREQUENCY
FREQUENCY (MHz)
GAIN
PHASE
-120
-80
-40
0
40
0.01
0.1
10
1
100
CROSSTALK vs. FREQUENCY
FREQUENCY (MHz)
5V
1V/div
GND
2V/div
-15V
25ns/div
MAX458
LARGE-SIGNAL PULSE RESPONSE
0.1
1
10
1
10
100
OUTPUT IMPEDANCE vs. FREQUENCY
FREQUENCY (MHz)
GND
OUT
D0 & D2
D1
UPDATE
100ns/div
CHANNEL SWITCH TRANSIENT
IN2
IN5
IN2
-100mV
+100mV
-200mV
+200mV
MAX458
SMALL-SIGNAL PULSE RESPONSE
10ns/div
-200mV
+200mV
-200mV
+200mV
MAX459
SMALL-SIGNAL PULSE RESPONSE
10ns/div
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com