Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX459CPL Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX459CPL
Description  8x4 Video Crosspoint Switches with Buffers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX459CPL Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX459CPL Datasheet HTML 2Page - Maxim Integrated Products MAX459CPL Datasheet HTML 3Page - Maxim Integrated Products MAX459CPL Datasheet HTML 4Page - Maxim Integrated Products MAX459CPL Datasheet HTML 5Page - Maxim Integrated Products MAX459CPL Datasheet HTML 6Page - Maxim Integrated Products MAX459CPL Datasheet HTML 7Page - Maxim Integrated Products MAX459CPL Datasheet HTML 8Page - Maxim Integrated Products MAX459CPL Datasheet HTML 9Page - Maxim Integrated Products MAX459CPL Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
8x4 Video Crosspoint Switches with Buffers
6
_______________________________________________________________________________________
______________________________________________________________Pin Description
FUNCTION
1
DIN
Serial Data Input
2, 4, 6, 8,
14, 16, 18,
27, 33, 35
GND
Ground
PIN
3
IN0
Analog Input Channel 0
5
IN1
Analog Input Channel 1
11
IN4
Analog Input Channel 4
10, 31
VCC
Positive Power Supply (+5V). Connect both VCC pins to the positive supply.
9
IN3
Analog Input Channel 3
7
IN2
Analog Input Channel 2
19
SHDN
Shutdown, active high. Connect to GND if not used.
17
IN7
Analog Input Channel 7
15
IN6
Analog Input Channel 6
13
IN5
Analog Input Channel 5
12, 29
VEE
Negative Power Supply (-5V). Connect both VEE pins to the negative supply.
1
3, 5, 8, 10,
16, 18, 20,
30, 37, 39
4
7
13
12, 35
11
9
21
19
17
15
14, 33
NAME
DIP
PLCC
20
DOUT
Serial Data Output used for daisy-chaining devices.
21
D3
Parallel Digital Channel Input Address Bit 3
25
A1
Parallel Digital Amplifier Output Address Bit 1
24
D0
Parallel Digital Channel Input Address Bit 0
23
D1
Parallel Digital Channel Input Address Bit 1
22
D2
Parallel Digital Channel Input Address Bit 2
34
OUT0
Amplifier 0 Analog Output
32
OUT1
Amplifier 1 Analog Output
30
OUT2
Amplifier 2 Analog Output
28
OUT3
Amplifier 3 Analog Output
26
A0
Parallel Digital Amplifier Output Address Bit 0
22
23
28
27
26
25
38
36
34
31
29
40
–
C
—
S
–
Chip Select, used in serial operation. Hold high for parallel mode of operation.
38
–
U
—
P
—
D
—
A
—
T
—
E
–
Update Low, latches amplifier registers in parallel mode. Hold high for serial operation.
37
–
W
—
R
–
Write Low, latches input registers in parallel mode. Hold high for serial operation.
36
–
C
—
E
–
Chip Enable, used in parallel mode. Keep high for serial operation.
44
42
41
40
—
N.C.
Not Internally Connected
2, 6, 24, 32
39
SCLK
Serial Clock
43
Note: All GND pins must be grounded for optimum crosstalk performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com