Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TC664 Datasheet(PDF) 27 Page - Microchip Technology

Part # TC664
Description  SMBus??PWM Fan Speed Controllers With Fan Fault Detection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC664 Datasheet(HTML) 27 Page - Microchip Technology

Back Button TC664 Datasheet HTML 23Page - Microchip Technology TC664 Datasheet HTML 24Page - Microchip Technology TC664 Datasheet HTML 25Page - Microchip Technology TC664 Datasheet HTML 26Page - Microchip Technology TC664 Datasheet HTML 27Page - Microchip Technology TC664 Datasheet HTML 28Page - Microchip Technology TC664 Datasheet HTML 29Page - Microchip Technology TC664 Datasheet HTML 30Page - Microchip Technology TC664 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
 2002 Microchip Technology Inc.
DS21737A-page 27
TC664/TC665
Figure 7-10 shows the voltage pulse at the Sense pin,
which is caused by the fan's "extra" current pulse
during PWM output turn-on.
FIGURE 7-10:
Extra Pulse at Sense Pin.
This problem occurs mainly with fans that have a cur-
rent waveshape like the one shown in Figure 7-9. For
configurations where an NPN transistor is being used
as the external drive device, the typical Rsense and
CSENSE scheme can continue to be used to sense the
fan current pulses. In order to eliminate the extra cur-
rent pulse, a slow down capacitor can be placed from
the base of the transistor to ground. A 0.1 µF capacitor
is appropriate in most cases. This arrangement is
shown in Figure 7-11. This capacitor will help to slow
down the turn-on edge of the transistor and reduce the
amplitude of the extra current pulse.
For configurations using an N-channel MOSFET as the
drive device, the slow down capacitor does not fix all
conditions and the current sensing scheme must be
changed. Since the current for this type of fan always
returns to zero, the coupling capacitor, CSENSE, is not
needed. Instead, it will be replaced by an R-C configu-
ration to eliminate the voltage pulse generated by the
extra current pulse. This new sensing configuration is
shown in Figure 7-12. The values of the resistor/capac-
itor combination should be adjusted so that the voltage
pulse generated by the extra current pulse is smoothed
and is not registered by the TC664/TC665 as a true fan
current pulse. Typical values for RSLOW and CSLOW
are 1 k
Ω and 1000 pF, respectively.
FIGURE 7-11:
Transistor Drive with CSLOW
Capacitor.
FIGURE 7-12:
FET Drive with RSLOW/
CSLOW Sense Scheme.
Sense Pin Voltage
"Extra Pulse"
VOUT PWM
CSLOW
(0.1 µF
SENSE
VOUT
FAN
RISO
RSENSE
CSENSE
TC664
TC665
GND
(0.1 µF typical)
typical)
CSLOW
(1000 pF
SENSE
VOUT
FAN
RSLOW
RSENSE
TC664
TC665
GND
typical)
(1 k
Ω typical)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com