Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TC664 Datasheet(PDF) 18 Page - Microchip Technology

Part # TC664
Description  SMBus??PWM Fan Speed Controllers With Fan Fault Detection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC664 Datasheet(HTML) 18 Page - Microchip Technology

Back Button TC664 Datasheet HTML 14Page - Microchip Technology TC664 Datasheet HTML 15Page - Microchip Technology TC664 Datasheet HTML 16Page - Microchip Technology TC664 Datasheet HTML 17Page - Microchip Technology TC664 Datasheet HTML 18Page - Microchip Technology TC664 Datasheet HTML 19Page - Microchip Technology TC664 Datasheet HTML 20Page - Microchip Technology TC664 Datasheet HTML 21Page - Microchip Technology TC664 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
TC664/TC665
DS21737A-page 18
 2002 Microchip Technology Inc.
6.2
FAN_FAULT Threshold Register
(FAN_FAULT)
The FAN_FAULT Threshold Register is used to set the
fan fault threshold level for the fan. The Fan Fault
Threshold Register is an 8-bit read/writable register
that allows the fan fault RPM threshold to be set in 50
RPM increments. The default setting for the Fan Fault
Register is 500 RPM (0000 1010). The maximum set
point value is 12750 RPM.
If the measured fan RPM (stored in the RPM Register)
drops below the value that is set in the Fan Fault Reg-
ister for more than 2.4 sec, FF (bit 0<0>) in the Status
Register will be set to a '1' and the FAULT output will be
pulled low.
See Register 6-2 for the Fan Fault
Threshold Register 8-bit format.
REGISTER 6-2:
FAN FAULT THRESHOLD REGISTER (FAN_FAULT)
D(7)
D(6)
D(5)
D(4)
D(3)
D(2)
D(1)
D(0)
RPM
000
000
000
000
000
00
50
000
000
10
100
.
...
...
.
.
...
...
.
111
111
10
12700
111
111
11
12750



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com