Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TC664 Datasheet(PDF) 33 Page - Microchip Technology

Part # TC664
Description  SMBus??PWM Fan Speed Controllers With Fan Fault Detection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC664 Datasheet(HTML) 33 Page - Microchip Technology

Back Button TC664 Datasheet HTML 28Page - Microchip Technology TC664 Datasheet HTML 29Page - Microchip Technology TC664 Datasheet HTML 30Page - Microchip Technology TC664 Datasheet HTML 31Page - Microchip Technology TC664 Datasheet HTML 32Page - Microchip Technology TC664 Datasheet HTML 33Page - Microchip Technology TC664 Datasheet HTML 34Page - Microchip Technology TC664 Datasheet HTML 35Page - Microchip Technology TC664 Datasheet HTML 36Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
 2002 Microchip Technology Inc.
DS21737A-page33
TC664/TC665
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Sales and Support
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom-
mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
New Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
TC664:
PWM Fan Speed Controller w/Fault Detection
TC664T: PWM Fan Speed Controller w/Fault Detection
(Tape and Reel)
TC665:
PWM Fan Speed Controller w/Fault Detection
TC665T: PWM Fan Speed Controller w/Fault Detection
(Tape and Reel)
Temperature Range:
E
= -40
°C to +85°C
Package:
UN = Plastic Micro Small Outline (MSOP), 10-lead
Examples:
a)
TC664EUN: PWM Fan Speed Controller w/
Fault Detection
b)
TC664EUNTR: PWM Fan Speed Controller
w/Fault Detection (Tape and Reel)
c)
TC665EUN: PWM Fan Speed Controller w/
Fault Detection
d)
TC665EUNTR: PWM Fan Speed Controller
w/Fault Detection (Tape and Reel)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com