Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TC664 Datasheet(PDF) 6 Page - Microchip Technology

Part # TC664
Description  SMBus??PWM Fan Speed Controllers With Fan Fault Detection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC664 Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC664 Datasheet HTML 2Page - Microchip Technology TC664 Datasheet HTML 3Page - Microchip Technology TC664 Datasheet HTML 4Page - Microchip Technology TC664 Datasheet HTML 5Page - Microchip Technology TC664 Datasheet HTML 6Page - Microchip Technology TC664 Datasheet HTML 7Page - Microchip Technology TC664 Datasheet HTML 8Page - Microchip Technology TC664 Datasheet HTML 9Page - Microchip Technology TC664 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
TC664/TC665
DS21737A-page 6
 2002 Microchip Technology Inc.
2.0
TYPICAL PERFORMANCE CURVES
FIGURE 2-1:
IDD vs. Temperature.
FIGURE 2-2:
IDD Shutdown vs.
Temperature.
FIGURE 2-3:
PWM, Source Current vs.
Temperature.
FIGURE 2-4:
PWM, Sink Current vs.
Temperature.
FIGURE 2-5:
Fault VOL vs. Temperature.
FIGURE 2-6:
PWM Frequency vs.
Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
130
135
140
145
150
155
160
165
170
175
180
-40 -25 -10
5
20
35
50
65
80
95
110 125
Temperature (°C)
VDD = 5.5 V
VDD = 3.0 V
Pins 8 and 9 Open
1.000
2.000
3.000
4.000
5.000
6.000
7.000
8.000
9.000
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (ºC)
VDD = 3.0 V
VDD = 5.5 V
5
10
15
20
25
30
35
-40
-25
-10
5
20
35
50
65
80
95
110 125
Temperature (°C)
VDD = 5.5 V
VDD = 5.0 V
VDD = 4.0 V
VDD = 3.0 V
VOH = 0.8VDD
2
4
6
8
10
12
14
-40 -25 -10
5
20
35
50
65
80
95
110 125
Temperature (°C)
VDD = 5.5 V
VDD = 5.0 V
VDD = 4.0 V
VDD = 3.0 V
VOL = 0.1VDD
15
20
25
30
35
40
45
50
-40 -25 -10
5
20
35
50
65
80
95
110 125
Temperature (ºC)
IOL = 2.5 mA
VDD = 5.5 V
VDD = 5.0 V
VDD = 4.0 V
VDD = 3.0 V
27
28
29
30
31
32
-40 -25 -10
5
20
35
50
65
80
95
110 125
Temperature (ºC)
VDD = 5.5 V
VDD = 3.0 V
CF = 1.0 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com