Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TC664 Datasheet(PDF) 24 Page - Microchip Technology

Part # TC664
Description  SMBus??PWM Fan Speed Controllers With Fan Fault Detection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC664 Datasheet(HTML) 24 Page - Microchip Technology

Back Button TC664 Datasheet HTML 20Page - Microchip Technology TC664 Datasheet HTML 21Page - Microchip Technology TC664 Datasheet HTML 22Page - Microchip Technology TC664 Datasheet HTML 23Page - Microchip Technology TC664 Datasheet HTML 24Page - Microchip Technology TC664 Datasheet HTML 25Page - Microchip Technology TC664 Datasheet HTML 26Page - Microchip Technology TC664 Datasheet HTML 27Page - Microchip Technology TC664 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
TC664/TC665
DS21737A-page 24
 2002 Microchip Technology Inc.
7.4
FanSense Network (RSENSE &
CSENSE)
The network comprised of RSENSE and CSENSE allows
the TC664/TC665 devices to detect commutation of the
fan motor. RSENSE converts the fan current into a volt-
age. CSENSE AC couples this voltage signal to the
SENSE pin. The goal of the SENSE network is to pro-
vide a voltage pulse to the SENSE pin that has a mini-
mum amplitude of 120 mV. This will ensure that the
current pulse caused by the fan commutation is recog-
nized by the TC664/TC665 device.
A 0.1 µF ceramic capacitor is recommended for
CSENSE. Smaller values will require larger sense resis-
tors be used. Using a 0.1 µF capacitor results in rea-
sonable values for RSENSE. Figure 7-5 illustrates a
typical SENSE network.
FIGURE 7-5:
Typical Sense Network.
The value of RSENSE will change with the current rating
of the fan. A key point is that the current rating of the
fan specified by the manufacturer may be a worst case
rating. The actual current drawn by the fan may be
lower than this rating. For the purpose of setting the
value for RSENSE, the operating fan current should be
measured.
Table 7-1 shows values of RSENSE according to the
nominal operating current of the fan. The fan currents
are average values. If the fan current falls between two
of the values listed, use the higher resistor value.
TABLE 7-1:
RSENSE VS. FAN CURRENT
Figure 7-6 shows some typical waveforms for the fan
current and the voltage at the Sense pins.
FIGURE 7-6:
Typical Fan Current and
Sense Pin Waveforms.
7.5
Output Drive Device Selection
The TC664/TC665 devices are designed to drive two
external NPN transistors or two external N-channel
MOSFETs as the fan speed modulating elements.
These two arrangements are shown in Figure 7-7. For
lower current fans, NPN transistors are a very econom-
ical choice for the fan drive device. It is recommended
that, for higher current fans (500 mA and above), MOS-
FETs be used as the fan drive device. Table 7-2 pro-
vides some possible part numbers for use as the fan
drive element.
When using an NPN transistor as the fan drive ele-
ment, a base current limiting resistor must be used.
This is shown in Figure 7-7.
When using MOSFETs as the fan drive element, it is
very easy to turn the MOSFETs on and off at very high
rates. Because the gate capacitances of these small
FAN
RISO
RSENSE
CSENSE
SENSE
VOUT
(0.1 µF typical)
715
Ω
Note:
See Table 7-1 for RSENSE value.
Nominal Fan Current
(mA)
RSENSE (ohm)
50
9.1
100
4.7
150
3.0
200
2.4
250
2.0
300
1.8
350
1.5
400
1.3
450
1.2
500
1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com