Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MSP430C413IPM Datasheet(PDF) 34 Page - Texas Instruments

Part # MSP430C413IPM
Description  MIXED SIGNAL MICROCONTROLLER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430C413IPM Datasheet(HTML) 34 Page - Texas Instruments

Back Button MSP430C413IPM Datasheet HTML 30Page - Texas Instruments MSP430C413IPM Datasheet HTML 31Page - Texas Instruments MSP430C413IPM Datasheet HTML 32Page - Texas Instruments MSP430C413IPM Datasheet HTML 33Page - Texas Instruments MSP430C413IPM Datasheet HTML 34Page - Texas Instruments MSP430C413IPM Datasheet HTML 35Page - Texas Instruments MSP430C413IPM Datasheet HTML 36Page - Texas Instruments MSP430C413IPM Datasheet HTML 37Page - Texas Instruments MSP430C413IPM Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 55 page
background image
MSP430x41x
MIXED SIGNAL MICROCONTROLLER
SLAS340G − MAY 2001 − REVISED JUNE 2004
34
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature (unless otherwise
noted) (continued)
DCO
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
f(DCOCLK)
N(DCO)=01E0h, FN_8=FN_4=FN_3=FN_2=0, D = 2; DCOPLUS= 0
2.2 V/3 V
1
MHz
f(DCO2)
FN_8=FN_4=FN_3=FN_2=0 ; DCOPLUS = 1
2.2 V
0.3
0.65
1.25
MHz
f(DCO2)
FN_8=FN_4=FN_3=FN_2=0 ; DCOPLUS = 1
3 V
0.3
0.7
1.3
MHz
f(DCO27)
FN_8=FN_4=FN_3=FN_2=0; DCOPLUS = 1, (see Note 1)
2.2 V
2.5
5.6
10.5
MHz
f(DCO27)
FN_8=FN_4=FN_3=FN_2=0; DCOPLUS = 1, (see Note 1)
3 V
2.7
6.1
11.3
MHz
f(DCO2)
FN_8=FN_4=FN_3=0, FN_2=1; DCOPLUS = 1
2.2 V
0.7
1.3
2.3
MHz
f(DCO2)
FN_8=FN_4=FN_3=0, FN_2=1; DCOPLUS = 1
3 V
0.8
1.5
2.5
MHz
f(DCO27)
FN_8=FN_4=FN_3=0, FN_2=1; DCOPLUS = 1, (see Note 1)
2.2 V
5.7
10.8
18
MHz
f(DCO27)
FN_8=FN_4=FN_3=0, FN_2=1; DCOPLUS = 1, (see Note 1)
3 V
6.5
12.1
20
MHz
f(DCO2)
FN_8=FN_4=0, FN_3= 1, FN_2=x; DCOPLUS = 1
2.2 V
1.2
2
3
MHz
f(DCO2)
FN_8=FN_4=0, FN_3= 1, FN_2=x; DCOPLUS = 1
3 V
1.3
2.2
3.5
MHz
f(DCO27)
FN_8=FN_4=0, FN_3= 1, FN_2=x; DCOPLUS = 1, (see Note 1)
2.2 V
9
15.5
25
MHz
f(DCO27)
FN_8=FN_4=0, FN_3= 1, FN_2=x; DCOPLUS = 1, (see Note 1)
3 V
10.3
17.9
28.5
MHz
f(DCO2)
FN_8=0, FN_4= 1, FN_3= FN_2=x; DCOPLUS = 1
2.2 V
1.8
2.8
4.2
MHz
f(DCO2)
FN_8=0, FN_4= 1, FN_3= FN_2=x; DCOPLUS = 1
3 V
2.1
3.4
5.2
MHz
f(DCO27)
FN_8=0, FN_4=1, FN_3= FN_2=x; DCOPLUS = 1, (see Note 1)
2.2 V
13.5
21.5
33
MHz
f(DCO27)
FN_8=0, FN_4=1, FN_3= FN_2=x; DCOPLUS = 1, (see Note 1)
3 V
16
26.6
41
MHz
f(DCO2)
FN_8=1, FN_4=FN_3=FN_2=x; DCOPLUS = 1
2.2 V
2.8
4.2
6.2
MHz
f(DCO2)
FN_8=1, FN_4=FN_3=FN_2=x; DCOPLUS = 1
3 V
4.2
6.3
9.2
MHz
f(DCO27)
FN_8=1,FN_4=FN_3=FN_2=x; DCOPLUS = 1, (see Note 1)
2.2 V
21
32
46
MHz
f(DCO27)
FN_8=1,FN_4=FN_3=FN_2=x; DCOPLUS = 1, (see Note 1)
3 V
30
46
70
MHz
Sn
Step size between adjacent DCO taps:
1 < TAP
≤ 20
1.06
1.11
Sn
Step size between adjacent DCO taps:
Sn = fDCO(Tap n+1) / fDCO(Tap n), (see Figure 20 for taps 21 to 27)
TAP = 27
1.07
1.17
Dt
Temperature drift, N(DCO) = 01E0h, FN_8=FN_4=FN_3=FN_2=0
2.2 V
–0.2
–0.3
–0.4
%
/_C
Dt
Temperature drift, N(DCO) = 01E0h, FN_8=FN_4=FN_3=FN_2=0
D = 2; DCOPLUS = 0, (see Note 2)
3 V
–0.2
–0.3
–0.4
%
/_C
DV
Drift with VCC variation, N(DCO) = 01E0h, FN_8=FN_4=FN_3=FN_2=0
D = 2; DCOPLUS = 0 (see Note 2)
0
5
15
%/V
NOTES:
1. Do not exceed the maximum system frequency.
2. This parameter is not production tested.
TA − °C
VCC − V
f
(DCO)
f
(DCO20
5C)
f
(DCO)
f
(DCO3V)
1.8
3.0
2.4
3.6
1.0
20
60
40
85
1.0
0
−20
−40
0
Figure 19. DCO Frequency vs Supply Voltage VCC and vs Ambient Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com