Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MSP430C413IPM Datasheet(PDF) 28 Page - Texas Instruments

Part # MSP430C413IPM
Description  MIXED SIGNAL MICROCONTROLLER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430C413IPM Datasheet(HTML) 28 Page - Texas Instruments

Back Button MSP430C413IPM Datasheet HTML 24Page - Texas Instruments MSP430C413IPM Datasheet HTML 25Page - Texas Instruments MSP430C413IPM Datasheet HTML 26Page - Texas Instruments MSP430C413IPM Datasheet HTML 27Page - Texas Instruments MSP430C413IPM Datasheet HTML 28Page - Texas Instruments MSP430C413IPM Datasheet HTML 29Page - Texas Instruments MSP430C413IPM Datasheet HTML 30Page - Texas Instruments MSP430C413IPM Datasheet HTML 31Page - Texas Instruments MSP430C413IPM Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 55 page
background image
MSP430x41x
MIXED SIGNAL MICROCONTROLLER
SLAS340G − MAY 2001 − REVISED JUNE 2004
28
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature (unless otherwise
noted) (continued)
Comparator_A (see Note 1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
I(CC)
CAON = 1, CARSEL = 0, CAREF = 0
VCC = 2.2 V
25
40
A
I(CC)
CAON = 1, CARSEL = 0, CAREF = 0
VCC = 3 V
45
60
µA
I(Refladder/RefDiode)
CAON = 1, CARSEL = 0,
CAREF = 1/2/3,
VCC = 2.2 V
30
50
A
I(Refladder/RefDiode)
CAREF = 1/2/3,
No load at P1.6/CA0 and P1.7/CA1
VCC = 3 V
45
71
µA
V(Ref025)
Voltage @ 0.25 V
CC node
V
CC
PCA0 = 1, CARSEL = 1, CAREF = 1,
No load at P1.6/CA0 and P1.7/CA1
VCC = 2.2 V / 3 V
0.23
0.24
0.25
V(Ref050)
Voltage @ 0.5 V
CC node
V
CC
PCA0 = 1, CARSEL = 1, CAREF = 2,
No load at P1.6/CA0 and P1.7/CA1
VCC = 2.2V / 3 V
0.47
0.48
0.50
V(RefVT)
(see Figure 10 and
PCA0 = 1, CARSEL = 1, CAREF = 3,
No load at P1.6/CA0 and P1.7/CA1;
VCC = 2.2 V
390
480
540
mV
V(RefVT)
(see Figure 10 and
Figure 11)
No load at P1.6/CA0 and P1.7/CA1;
TA = 85°C
VCC = 3.0 V
400
490
550
mV
V(IC)
Common-mode input
voltage range
CAON = 1
VCC = 2. 2V/3 V
0
VCC−1.0
V
V(offset)
Offset voltage
See Note 2
VCC = 2.2 V/3 V
−30
30
mV
Vhys
Input hysteresis
CAON = 1
VCC = 2.2 V / 3 V
0
0.7
1.4
mV
TA = 25°C,
VCC = 2.2 V
160
210
300
ns
t(response LH)
TA = 25 C,
Overdrive 10 mV, without filter: CAF = 0
VCC = 3 V
80
150
240
ns
t(response LH)
TA = 25°C
VCC = 2.2 V
1.4
1.9
3.4
s
TA = 25 C
Overdrive 10 mV, with filter: CAF = 1
VCC = 3 V
0.9
1.5
2.6
µs
TA = 25°C
VCC = 2.2 V
130
210
300
ns
t(response HL)
TA = 25 C
Overdrive 10 mV, without filter: CAF = 0
VCC = 3 V
80
150
240
ns
t(response HL)
TA = 25°C,
VCC = 2.2 V
1.4
1.9
3.4
s
TA = 25 C,
Overdrive 10 mV, with filter: CAF = 1
VCC = 3.0 V
0.9
1.5
2.6
µs
NOTES:
1. The leakage current for the Comparator_A terminals is identical to Ilkg(Px.x) specification.
2. The input offset voltage can be cancelled by using the CAEX bit to invert the Comparator_A inputs on successive measurements.
The two successive measurements are then summed together.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com