Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MSP430C413IPM Datasheet(PDF) 31 Page - Texas Instruments

Part # MSP430C413IPM
Description  MIXED SIGNAL MICROCONTROLLER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430C413IPM Datasheet(HTML) 31 Page - Texas Instruments

Back Button MSP430C413IPM Datasheet HTML 27Page - Texas Instruments MSP430C413IPM Datasheet HTML 28Page - Texas Instruments MSP430C413IPM Datasheet HTML 29Page - Texas Instruments MSP430C413IPM Datasheet HTML 30Page - Texas Instruments MSP430C413IPM Datasheet HTML 31Page - Texas Instruments MSP430C413IPM Datasheet HTML 32Page - Texas Instruments MSP430C413IPM Datasheet HTML 33Page - Texas Instruments MSP430C413IPM Datasheet HTML 34Page - Texas Instruments MSP430C413IPM Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 55 page
background image
MSP430x41x
MIXED SIGNAL MICROCONTROLLER
SLAS340G − MAY 2001 − REVISED JUNE 2004
31
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature (unless otherwise
noted) (continued)
0
0.5
1
1.5
2
0.001
1
1000
V
= 3 V
Typical Conditions
1 ns
1 ns
tpw − Pulse Width − µstpw − Pulse Width − µs
cc
VCC
3 V
VCC(min)
tpw
Figure 15. VCC(min) Level With a Square Voltage Drop to Generate a POR/Brownout Signal
VCC
3 V
VCC(min)
tpw
0
0.5
1
1.5
2
tpw − Pulse Width − µs
0.001
1
1000
tf
tr
tpw − Pulse Width − µs
tf = tr
V
= 3 V
Typical Conditions
cc
Figure 16. VCC(min) Level With a Triangle Voltage Drop to Generate a POR/Brownout Signal
SVS (supply voltage supervisor/monitor, see Notes 1 and 2) MSP430x412, MSP430x413 only
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
td(SVSR)
dVCC/dt > 30V/ms (see Note 2)
5
150
µs
td(SVSR)
dVCC/dt ≤ 30V/ms (see Note 2)
2000
µs
td(SVSon)
SVSon, switch from 0 to 1, VCC = 3 V (see Note 2)
20
150
µs
V(SVSstart)
SVS
dVCC/dt ≤ 3 V/s (see Figure 17)
1.55
1.7
V
V(SVS_IT−)
SVS
dVCC/dt ≤ 3 V/s (see Figure 17)
1.8
1.95
2.2
V
Vhys(SVS_IT−)
dVCC/dt ≤ 3 V/s (see Figure 17)
70
100
155
mV
ICC(SVS)
(see Note 1)
VLD
≠ 0 (VLD bits are in SVSCTL register), VCC = 2.2V/ 3V
10
15
µA
NOTES:
1. The current consumption of the SVS module is not included in the ICC current consumption data.
2. The SVS is not active at power up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com