Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MSP430C413IPM Datasheet(PDF) 21 Page - Texas Instruments

Part # MSP430C413IPM
Description  MIXED SIGNAL MICROCONTROLLER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430C413IPM Datasheet(HTML) 21 Page - Texas Instruments

Back Button MSP430C413IPM Datasheet HTML 17Page - Texas Instruments MSP430C413IPM Datasheet HTML 18Page - Texas Instruments MSP430C413IPM Datasheet HTML 19Page - Texas Instruments MSP430C413IPM Datasheet HTML 20Page - Texas Instruments MSP430C413IPM Datasheet HTML 21Page - Texas Instruments MSP430C413IPM Datasheet HTML 22Page - Texas Instruments MSP430C413IPM Datasheet HTML 23Page - Texas Instruments MSP430C413IPM Datasheet HTML 24Page - Texas Instruments MSP430C413IPM Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
MSP430x41x
MIXED SIGNAL MICROCONTROLLER
SLAS340G − MAY 2001 − REVISED JUNE 2004
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
PARAMETER
MIN
NOM
MAX
UNITS
Supply voltage during program execution, SVS disabled
VCC (AVCC = DVCC = VCC)
MSP430x41x
1.8
3.6
V
Supply voltage during program execution, SVS enabled (see Note 1),
VCC (AVCC = DVCC = VCC)
MSP430x41x
2.2
3.6
V
Supply voltage during programming of flash memory,
VCC (AVCC = DVCC = VCC)
MSP430F41x
2.7
3.6
V
Supply voltage, VSS (AVSS/1/2 = DVSS = VSS)
0
0
V
Operating free-air temperature range, TA
MSP430x41x
−40
85
°C
LFXT1 crystal frequency, f(LFXT1)
LF selected, XTS_FLL=0
Watch crystal
32768
Hz
LFXT1 crystal frequency, f(LFXT1)
(see Note 2)
XT1 selected, XTS_FLL=1
Ceramic resonator
450
8000
kHz
(see Note 2)
XT1 selected, XTS_FLL=1
Crystal
1000
8000
kHz
Processor frequency (signal MCLK), f(System)
VCC = 1.8 V
DC
4.15
MHz
Processor frequency (signal MCLK), f(System)
VCC = 3.6 V
DC
8
MHz
NOTES:
1. The minimum operating supply voltage is defined according to the trip point where POR is going active by decreasing supply voltage.
POR is going inactive when the supply voltage is raised above minimum supply voltage plus the hysteresis of the SVS circuitry.
2. The LFXT1 oscillator in LF-mode requires a watch crystal.
f (MHz)
1.8 V
3.6 V
2.7 V
3 V
4.15 MHz
8 MHz
VCC − Supply Voltage − V
Supply Voltage Range, x41x
During Program Execution
Supply Voltage Range
During Programming of
the Flash Memory
Figure 1. Frequency vs Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com