Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MSP430C413IPM Datasheet(PDF) 18 Page - Texas Instruments

Part # MSP430C413IPM
Description  MIXED SIGNAL MICROCONTROLLER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430C413IPM Datasheet(HTML) 18 Page - Texas Instruments

Back Button MSP430C413IPM Datasheet HTML 14Page - Texas Instruments MSP430C413IPM Datasheet HTML 15Page - Texas Instruments MSP430C413IPM Datasheet HTML 16Page - Texas Instruments MSP430C413IPM Datasheet HTML 17Page - Texas Instruments MSP430C413IPM Datasheet HTML 18Page - Texas Instruments MSP430C413IPM Datasheet HTML 19Page - Texas Instruments MSP430C413IPM Datasheet HTML 20Page - Texas Instruments MSP430C413IPM Datasheet HTML 21Page - Texas Instruments MSP430C413IPM Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 55 page
background image
MSP430x41x
MIXED SIGNAL MICROCONTROLLER
SLAS340G − MAY 2001 − REVISED JUNE 2004
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
peripheral file map
PERIPHERALS WITH WORD ACCESS
Watchdog
Watchdog Timer control
WDTCTL
0120h
Timer1_A5
(MSP430x415 and
Timer1_A interrupt vector
TA1IV
011Eh
Timer1_A5
(MSP430x415 and
MSP430x417 only)
Timer1_A control
TA1CTL
0180h
MSP430x417 only)
Capture/compare control 0
TA1CCTL0
0182h
Capture/compare control 1
TA1CCTL1
0184h
Capture/compare control 2
TA1CCTL2
0186h
Capture/compare control 3
TA1CCTL3
0188h
Capture/compare control 4
TA1CCTL4
018Ah
Reserved
018Ch
Reserved
018Eh
Timer1_A register
TA1R
0190h
Capture/compare register 0
TA1CCR0
0192h
Capture/compare register 1
TA1CCR1
0194h
Capture/compare register 2
TA1CCR2
0196h
Capture/compare register 3
TA1CCR3
0198h
Capture/compare register 4
TA1CCR4
019Ah
Reserved
019Ch
Reserved
019Eh
Timer_A3/Timer0_A3
Timer_A/Timer0_A interrupt vector
TAIV/TA0IV
012Eh
Timer_A3/Timer0_A3
Timer_A/Timer0_A control
TACTL/TA0CTL
0160h
Capture/compare control 0
TACCTL0/TA0CCTL0
0162h
Capture/compare control 1
TACCTL1/TA0CCTL1
0164h
Capture/compare control 2
TACCTL2/TA0CCTL2
0166h
Reserved
0168h
Reserved
016Ah
Reserved
016Ch
Reserved
016Eh
Timer_A/Timer0_A register
TAR/TA0R
0170h
Capture/compare register 0
TACCR0/TA0CCR0
0172h
Capture/compare register 1
TACCR1/TA0CCR1
0174h
Capture/compare register 2
TACCR2/TA0CCR2
0176h
Reserved
0178h
Reserved
017Ah
Reserved
017Ch
Reserved
017Eh
Flash
Flash control 3
FCTL3
012Ch
Flash
Flash control 2
FCTL2
012Ah
Flash control 1
FCTL1
0128h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com