Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BCM20705 Datasheet(PDF) 45 Page - Cypress Semiconductor

Part # BCM20705
Description  Single-Chip Bluetooth Transceiver and Baseband Processor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM20705 Datasheet(HTML) 45 Page - Cypress Semiconductor

Back Button BCM20705 Datasheet HTML 41Page - Cypress Semiconductor BCM20705 Datasheet HTML 42Page - Cypress Semiconductor BCM20705 Datasheet HTML 43Page - Cypress Semiconductor BCM20705 Datasheet HTML 44Page - Cypress Semiconductor BCM20705 Datasheet HTML 45Page - Cypress Semiconductor BCM20705 Datasheet HTML 46Page - Cypress Semiconductor BCM20705 Datasheet HTML 47Page - Cypress Semiconductor BCM20705 Datasheet HTML 48Page - Cypress Semiconductor BCM20705 Datasheet HTML 49Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 67 page
background image
Electrical Characteristics
BCM20705 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
Bluetooth Transceiver and Baseband Processor
November 13, 2014 • MCS20705-DS104-R
Page 44
Se ction 9: Elec trica l Charact eris tics
Note:
All voltages listed in Table 8 are referenced to VDD.
Table 8: Absolute Maximum Voltages
Rating
Symbol
Minimum
Typical
Maximum
Unit
DC supply voltage for RF
VDD_RF a
a. VDD_RF collectively refers to the VDDIF, VDDLNA, VDDPX, and VDDRF RF power supplies.
1.22
1.32
V
DC supply voltage for core
VDDC
1.22
1.32
V
DC supply voltage for I/O
VDDO b
b. If VDDO is not applied, voltage should never be applied to any digital I/O pins (I/O pins should never be driven
or pulled high). The list of digital I/O pins includes the following (these pins are listed in Section 7: “Pin-out and
Signal Descriptions,” on page 40 with VDDO shown as their power domain):
GPIO[3], GPIO[5], GPIO[6]
SCL, SDA
N_MODE
SPIM_CS_N, SPIM_CLK
–1.8
3.6
V
DC supply
VDDTF
1.12
3.3 c
c. VDDTF for Class 2 must be connected to VREG (main LDO output). VDDTF for Class 1 must be connected to
VREGHV (HV LDO output) or an external voltage source. Refer to the Broadcom compatibility guide for
configuration details.
V
Voltage on input or output pin
VIMAX, VIMIN VSS – 0.3
VDDO + 0.3 V
Storage temperature range
TSTG
–40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com