Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BCM20705 Datasheet(PDF) 23 Page - Cypress Semiconductor

Part # BCM20705
Description  Single-Chip Bluetooth Transceiver and Baseband Processor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM20705 Datasheet(HTML) 23 Page - Cypress Semiconductor

Back Button BCM20705 Datasheet HTML 19Page - Cypress Semiconductor BCM20705 Datasheet HTML 20Page - Cypress Semiconductor BCM20705 Datasheet HTML 21Page - Cypress Semiconductor BCM20705 Datasheet HTML 22Page - Cypress Semiconductor BCM20705 Datasheet HTML 23Page - Cypress Semiconductor BCM20705 Datasheet HTML 24Page - Cypress Semiconductor BCM20705 Datasheet HTML 25Page - Cypress Semiconductor BCM20705 Datasheet HTML 26Page - Cypress Semiconductor BCM20705 Datasheet HTML 27Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 67 page
background image
Adaptive Frequency Hopping
BCM20705 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
Bluetooth Transceiver and Baseband Processor
November 13, 2014 • MCS20705-DS104-R
Page 22
Adaptive Frequency Hopping
The BCM20705 supports host channel classification and dynamic channel classification Adaptive Frequency
Hopping (AFH) schemes, as defined in the Bluetooth specification.
Host channel classification enables the host to set a predefined hopping map for the device to follow.
If dynamic channel classification is enabled, the device gathers link quality statistics on a channel-by-channel
basis to facilitate channel assessment and channel map selection. To provide a more accurate frequency hop
map, link quality is determined using both RF and baseband signal processing.
Collaborative Coexistence
The BCM20705 provides extensions and collaborative coexistence to the standard Bluetooth AFH for direct
communication with WLAN devices. Collaborative coexistence enables WLAN and Bluetooth to operate
simultaneously in a single device. The device supports industry-standard coexistence signaling, including
802.15.2, and supports Broadcom and third-party WLAN solutions.
Using a multitiered prioritization approach, relative priorities between data types and applications can be set.
This approach maximizes the performance-WLAN data throughput vs. voice quality vs. link performance.
A PA shutdown pin is available to allow full external control of the RF output for other types of coexistence, such
as WIMAX.
Serial Enhanced Coexistence Interface
The Serial Enhanced Coexistence Interface (Serial ECI or SECI) is a proprietary Broadcom interface between
Broadcom WLAN devices and Bluetooth devices. It is an optional replacement to the legacy 3- or 4-wire
coexistence feature, which is also available.
The following key features are associated with the interface:
• Enhanced coexistence data can be exchanged over a two-wire interface, one serial input (SECI_IN), and
one serial output (SECI_OUT). The pad configuration registers must be programmed to choose the digital I/
O pins that serve the SECI_IN and SECI_OUT function.
• It supports generic UART communication between WLAN and Bluetooth devices.
• To conserve power, it is disabled when inactive.
• It supports automatic resynchronizaton upon waking from sleep mode.
• It supports a baud rate of up to 4 Mbps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com