Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BCM20705 Datasheet(PDF) 30 Page - Cypress Semiconductor

Part # BCM20705
Description  Single-Chip Bluetooth Transceiver and Baseband Processor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM20705 Datasheet(HTML) 30 Page - Cypress Semiconductor

Back Button BCM20705 Datasheet HTML 26Page - Cypress Semiconductor BCM20705 Datasheet HTML 27Page - Cypress Semiconductor BCM20705 Datasheet HTML 28Page - Cypress Semiconductor BCM20705 Datasheet HTML 29Page - Cypress Semiconductor BCM20705 Datasheet HTML 30Page - Cypress Semiconductor BCM20705 Datasheet HTML 31Page - Cypress Semiconductor BCM20705 Datasheet HTML 32Page - Cypress Semiconductor BCM20705 Datasheet HTML 33Page - Cypress Semiconductor BCM20705 Datasheet HTML 34Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 67 page
background image
PCM Interface
BCM20705 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
Bluetooth Transceiver and Baseband Processor
November 13, 2014 • MCS20705-DS104-R
Page 29
Slot Mapping
The device supports up to three simultaneous, full-duplex SCO or eSCO channels. These channels are time-
multiplexed onto the PCM interface using a time slotting scheme based on the audio sampling rate, as described
in Table 3.
Transmit and receive PCM data from an SCO channel is always mapped to the same slot. The PCM data output
driver tri-states its output on unused slots to allow other devices to share the same PCM interface signals. The
data output driver tri-states its output after the falling edge of the PCM clock during the last bit of the slot.
Wideband Speech
The BCM20705 provides support for Wideband Speech (WBS) in two ways:
• Transparent mode
The host encodes WBS packets and the encoded packets are
transferred over the PCM bus for SCO or eSCO voice connections.
In Transparent mode, the PCM bus is typically configured in master
mode for a 4 kHz sync rate with 16-bit samples, resulting in a
64 kbps bit rate.
• On-chip SmartAudio® technology
The BCM20705 can perform Subband-Codec (SBC) encoding and
decoding of linear 16 bits at 16 kHz (256 kbps rate) transferred over
the PCM bus.
Table 3: PCM Interface Time Slotting Scheme
Audio Sample Rate Time Slotting Scheme
8 kHz
The number of slots depends on the selected interface rate, as follows:
Interface rate
Slot
128
1
256
2
512
4
1024
8
2048
16
16 kHz
The number of slots depends on the selected interface rate, as follows:
Interface rate
Slot
256
1
512
2
1024
4
2048
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com