Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM2645 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2645
Description  Advanced Two-Phase Switching Controller With Two Linear Outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2645 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2645 Datasheet HTML 1Page - National Semiconductor (TI) LM2645 Datasheet HTML 2Page - National Semiconductor (TI) LM2645 Datasheet HTML 3Page - National Semiconductor (TI) LM2645 Datasheet HTML 4Page - National Semiconductor (TI) LM2645 Datasheet HTML 5Page - National Semiconductor (TI) LM2645 Datasheet HTML 6Page - National Semiconductor (TI) LM2645 Datasheet HTML 7Page - National Semiconductor (TI) LM2645 Datasheet HTML 8Page - National Semiconductor (TI) LM2645 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Pin Descriptions (Continued)
of the top MOSFET or the voltage across an external current
sense resistor to determine if an over-current condition has
occurred in Channel 2.
RSNS2 (Pin 26): The negative (−) Kelvin sense for the
internal current limit comparator of Channel 2. Always use a
separate trace to connect this pin to the current sense point.
Connect this pin to the low side of the current sense resistor
that is placed between V
IN and the drain of the top MOSFET.
When the Vds of the top MOSFET is used for current sens-
ing, then connect this pin to the source of the top MOSFET.
KS2 (Pin 27): The positive (+) Kelvin sense for the internal
current limit comparator of Channel 2. Use a separate trace
to connect this pin to the current sense point. Connect to Vin
as close to the node of the current sense resistor; when no
current-sense resistor is used, connect it as close to the
Drain node of the upper MOSFET.
SW2 (Pin 28): : Switch-node connection for Channel 2,
which is connected to the source of the top MOSFET. It
serves as the negative supply rail for the topside gate driver,
HDRV2.
HDRV2 (Pin 29): Top-side gate-drive output for Channel 2. A
floating drive output that rides on the switching-node voltage.
CBOOT2 (Pin 30): Bootstrap capacitor connection. It serves
as the positive supply rail for the Channel 2 top-side gate
drive.
VDD2 (Pin 31): The supply rail for the Channel 2 low-side
gate drive, usually ties together with VDD1. Connect to
VLIN5 through a 4.7
Ω resistor and bypassed to ground with
a ceramic capacitor of at least 1µF.
LDRV2 (Pins 32, 33): Low-side gate-drive output for Chan-
nel 2. Tie these two pins together.
PGND2 (Pin 34): Power ground for Channel 2.
OUT3 (Pin 35): The fixed 3.3V linear regulated output. De-
rived from VLIN5 by an internal LDO, it is current limited at
100mA. The continuous output current is a function of the
ambient operating temperature and the total power dissipa-
tion in the chip and must be derated accordingly. See (Note
2) in Electrical Characteristics section.
EXT (Pin 36): External power input to an internal switch.
This pin is usually connected to the fixed 5V output of
Channel 1. When the voltage on this pin is higher than 4.7V,
the internal 5V LDO that provides VLIN5 from VIN is dis-
abled, and an internal switch connects VLIN5 to this pin to
minimize dissipation in the chip. Connect this pin to ground
and VLIN5 to VIN if VIN is operating in 4.5V to 5.5V range.
VLIN5 (Pin 37): This pin is the output of an internal 5V LDO
regulator derived from VIN when no external 5V supply is
available. It supplies the internal bias for the chip, supplies
the boostrap circuitry for gate drive and serves as the input
supply of an internal LDO to generate OUT3. Bypass this pin
to power ground with a minimum of 4.7µF ceramic capacitor.
Connect this pin to the VIN pin when Vin is operating in 4.5V
to 5.5V range.
VIN (Pin 38):The input power of the chip. Connects to the
upper (+) input rail of the system.
PGND1 (Pin 39):Power ground for Channel 1.
LDRV1 (Pins 40, 41): Low-side gate-drive output for Chan-
nel 1. Tie these two pins together.
VDD1 (Pin 42): The supply rail for the low-side gate drive of
Channel 1. Same function as VDD2 (Pin 31).
CBOOT1 (Pin 43): Bootstrap capacitor connection. It serves
as the positive supply rail for the Channel 1 top-side gate
drive.
HDRV1 (Pin 44): Top-side gate-drive output for Channel 1.
See HDRV2 (Pin 29).
SW1 (Pin 45): Switch-node connection for Channel 1, See
SW2 (Pin 28).
KS1 (Pin 46): The upper (+) Kelvin sense for the internal
current limit comparator of Channel 1 (see KS2, Pin 27).
RSNS1 (Pin 47): The lower (−) Kelvin sense for the internal
current limit comparator of Channel 1 (see RSNS2, Pin 26).
ILIM1 (Pin 48): Current limit threshold setting for Channel 1
(see ILIM2, Pin 25).
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com