Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM2645 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2645
Description  Advanced Two-Phase Switching Controller With Two Linear Outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2645 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM2645 Datasheet HTML 4Page - National Semiconductor (TI) LM2645 Datasheet HTML 5Page - National Semiconductor (TI) LM2645 Datasheet HTML 6Page - National Semiconductor (TI) LM2645 Datasheet HTML 7Page - National Semiconductor (TI) LM2645 Datasheet HTML 8Page - National Semiconductor (TI) LM2645 Datasheet HTML 9Page - National Semiconductor (TI) LM2645 Datasheet HTML 10Page - National Semiconductor (TI) LM2645 Datasheet HTML 11Page - National Semiconductor (TI) LM2645 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Voltages from the indicated pins to SGND/PGND:
VIN, ILIM1, ILIM2, KS1, KS2,
LDODRV
−0.3V to 31V
SW1, SW2, RSNS1, RSNS2
−0.3 to (V
IN +
0.3)V
VO1, VO2, FB1_FIX, FB2_FIX,
VDD1, VDD2, EXT
−0.3V to 6V
SD, ON1, SS1, ON2, SS2, LDOFB,
F
SEL, UV_DELAY, PGOOD1, OUT3,
PGOOD2, COMP1, COMP2,
FPWM/2NDFB
−0.3V to (VLIN5
+0.3)V
CBOOT
1 to SW1, CBOOT2 to SW2
−0.3V to 7V
LDRV1, LDRV2
−0.3V to
(VDD+0.3)V
HDRV1 to SW1, HDRV2 to SW2
−0.3V
HDRV1 to CBOOT1, HDRV2 to
CBOOT2
+0.3V
Power Dissipation (T
A = 25˚C,
(Note 2)
1.56W
Junction Temperature (T
J)
(Note 2)
+150˚C
Ambient Storage Temperature
Range
−65˚C to +150˚C
Soldering Dwell Time, Temperature
(Note 3)
Wave
Infrared
Vapor Phase
4 sec, 260˚C
10sec, 240˚C
75sec, 219˚C
ESD Rating (Note 4)
2kV
Operating Ratings(Note 1)
VIN (VIN and VLIN5 separate)
5.5V to 30V
VIN (VLIN5 tied to VIN)
4.5V to 5.5V
Junction Temperature
0˚C to +125˚C
EXT
5.5V max.
Electrical Characteristics
Unless otherwise specified, V
IN = 15V, SGND = PGND = 0V, VLIN5 = VDD1 = VDD2. Limits appearing in boldface type ap-
ply over the entire operating junction temperature range, 0˚C to +125˚C. Specifications appearing in plain type are measured
using low duty cycle pulse testing with T
A = 25˚C (Note 5), (Note 6). Min/Max limits are guaranteed by design, test, or statisti-
cal analysis.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
SYSTEM
∆V
OUT/VOUT
Load Regulation
V
IN =15V, Vcompx = 0.5V to 1.5V
0.04
%
∆V
OUT/VOUT
Line Regulation
5.5V
≤ V
IN ≤ 30V, Vcompx =1.25V
0.04
%
V
FBX_FIX
Feedback Voltage in
Adjustable Mode
5.5V
≤ VIN ≤ 30V
1.217
1.238
1.259
V
V
OUT
V
OUTx accuracy at fixed
output mode
5.5V
≤ V
IN ≤ 30V, VOUT1 = 5V, VOUT2
= 3.3V
−2.4
+2.4
%
I
VIN
Input Supply Current
ON1 = ON2 = 5V and
5.5V
≤ V
IN ≤ 30V
1.5
2.8
mA
ON1 = ON2 = 5V and
4.5V
≤ V
IN = VLIN5 ≤ 5.5V
1.3
2.8
mA
Standby (Note 7)
ON1 = ON2 = 0V, V
SD =5V
50
120
µA
Shutdown V
SD =0V
5
30
µA
VLIN5
VLIN5 Output
Voltage(Note 8)
IVLIN5 = 0 to 25mA, EXT = 0V,
5.5V
≤ VIN ≤ 30V, SD = 5V
4.65
5
5.35
V
V
CLos
Current Limit
Comparator Offset
(VILIMX −VRSNSX)
VKS1−VILIM1 = VKS2-VILIM2
=140mV
±2mV
I
CL
Current Limit Sink
Current
8
10
12
µA
I
ss_SC
Soft-Start Source
Current
V
ss1 =Vss2 =1V
0.5
2
3.5
µA
I
ss_SK
Soft-Start Sink Current
V
ss1 =Vss2 =1V
24
µA
V
ssto
Soft-Start Timeout
Threshold
(Note 9)
2V
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com