Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM2645 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2645
Description  Advanced Two-Phase Switching Controller With Two Linear Outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2645 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM2645 Datasheet HTML 5Page - National Semiconductor (TI) LM2645 Datasheet HTML 6Page - National Semiconductor (TI) LM2645 Datasheet HTML 7Page - National Semiconductor (TI) LM2645 Datasheet HTML 8Page - National Semiconductor (TI) LM2645 Datasheet HTML 9Page - National Semiconductor (TI) LM2645 Datasheet HTML 10Page - National Semiconductor (TI) LM2645 Datasheet HTML 11Page - National Semiconductor (TI) LM2645 Datasheet HTML 12Page - National Semiconductor (TI) LM2645 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Electrical Characteristics (Continued)
Unless otherwise specified, V
IN = 15V, SGND = PGND = 0V, VLIN5 = VDD1 = VDD2. Limits appearing in boldface type ap-
ply over the entire operating junction temperature range, 0˚C to +125˚C. Specifications appearing in plain type are measured
using low duty cycle pulse testing with T
A = 25˚C (Note 5), (Note 6). Min/Max limits are guaranteed by design, test, or statisti-
cal analysis.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
SYSTEM
V
UVP
FB1_FIX, FB2_FIX,
LDOFB Undervoltage
Protection Latch
Threshold
As a Percentage of nominal output
voltage (Falling edge)
73
80
90
%
Hysteresis
4%
V
UV_DELAY
UV_DELAY Threshold
Voltage
(Note 10)
2.3
V
I
UV_DELAY
UV_DELAY source
current
V
UV_DELAY =2V
5µA
V
OVP
V
OUTx Overvoltage
Protection Latch
Threshold
As a percentage measured at
FB1_FIX, FB2_FIX
106
110
119
%
TH
LREG
V
OUTx Low Regulation
Comparator Enable
Threshold for channels 1
and 2
Falling Edge
95
%
HYS
LREG
Hysteresis of Low
Regulation Comparator
As a Percentage of output voltage
3%
V
pwrbad
Regulator Window
Detector Thresholds
(PGOOD from High to
Low) (Note 11)
As a Percentage of output voltage
86
91
94
%
V
pwrgd
Regulator Window
Detector Thresholds
(PGOOD from Low to
High)
As a Percentage of output voltage
92.5
94
96.5
%
TH
VOX_DIS
VO1, VO2 Quick
Discharge Threshold
(Note 12)
0.8
V
V
ox_R
VO1,VO2
ON-Resistance
VO1=VO2=2V
200
Ω
Gate Drive
I
CBOOT
CBOOT Leakage
Current
V
CBOOT1 =VCBOOT2 =7V
100
nA
I
SC_DRV
HDRVx and LDRVx
Source Current
V
CBOOT1 =VCBOOT2 = 5V, VSWx=0V,
HDRVx=LDRVx=2.5V
0.8
A
I
sk_HDRV
HDRVx Sink Current
V
CBOOTx = VDDx = 5V, VSWx = 0V,
HDRVX = 2.5V
1.3
A
I
sk_LDRV
LDRVx Sink Current
V
CBOOTx = VDDx = 5V, VSWx = 0V,
LDRVX = 2.5V
2.5
A
R
HDRV
HDRV1 & 2 Source
On-Resistance
V
CBOOT1 =VCBOOT2 = 5V,
V
SW1 =VSW2 =0V
2.2
Ω
HDRV1 & 2 Sink
On-Resistance
1.1
Ω
R
LDRV
LDRV1 & 2 Source
On-Resistance
V
CBOOT1 =VCBOOT2 = 5V,
V
SW1 =VSW2 =0V
2.2
Ω
LDRV1 & 2 Sink
On-Resistance
0.65
Ω
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com