Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM2645 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2645
Description  Advanced Two-Phase Switching Controller With Two Linear Outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2645 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM2645 Datasheet HTML 3Page - National Semiconductor (TI) LM2645 Datasheet HTML 4Page - National Semiconductor (TI) LM2645 Datasheet HTML 5Page - National Semiconductor (TI) LM2645 Datasheet HTML 6Page - National Semiconductor (TI) LM2645 Datasheet HTML 7Page - National Semiconductor (TI) LM2645 Datasheet HTML 8Page - National Semiconductor (TI) LM2645 Datasheet HTML 9Page - National Semiconductor (TI) LM2645 Datasheet HTML 10Page - National Semiconductor (TI) LM2645 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
TABLE 1. Shut Down Latch Truth Table
Input
Output
ovp1
ovp2
uvp1
uvp2
uvp4
oc3
ch1 on
ch2 on
fault
ssto1
ssto2
uv_delay
latch off
11
0
1
11
0
1
1
1
0
1
cap
1
1
1
0
1
cap
1
1
1
0
1
cap
1
000001
000
cap
0
All other combinations
0
Notes:
1.
’fault’ is the logic OR of UVLO and thermal shutdown.
2.
’cap’ means the pin has a capacitor of appropriate value between it and ground.
3.
Positive logic is used.
4.
ssto1, ssto2 means soft start timeout for Ch 1 and Ch 2 respectively.
5.
A blank value means ’don’t care’.
6.
″oc3″ means OUT3 output current over 100mA current.
7.
″uvp4″ means UVP of the linear regulated output controlled by LDODRV.
8.
SD pin is pulled high.
TABLE 2. Power Good Truth Table
Input
Output
ovp1
ovp2
uvpg1
uvpg2
uvpg4
ch1 on
ch2 on
fault
latch
off
SD
PGOOD1
PGOOD2
1
1
1
100
1
1
1
100
11
1
0
11
1
0
001
10
0
1
1
01
0
01
0
00
10
0
1
1
0
0
100
1
1
1
100
1
100
000
Notes:
1.
Positive logic is used.
2.
A blank value means ’don’t care’.
3.
The symbol uvpg1, 2, 4 means the power good undervoltage threshold of the corresponding channel.
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com