Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM2645 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2645
Description  Advanced Two-Phase Switching Controller With Two Linear Outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2645 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2645 Datasheet HTML 1Page - National Semiconductor (TI) LM2645 Datasheet HTML 2Page - National Semiconductor (TI) LM2645 Datasheet HTML 3Page - National Semiconductor (TI) LM2645 Datasheet HTML 4Page - National Semiconductor (TI) LM2645 Datasheet HTML 5Page - National Semiconductor (TI) LM2645 Datasheet HTML 6Page - National Semiconductor (TI) LM2645 Datasheet HTML 7Page - National Semiconductor (TI) LM2645 Datasheet HTML 8Page - National Semiconductor (TI) LM2645 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LM2645
Advanced Two-Phase Switching Controller With Two
Linear Outputs
General Description
The LM2645 is a feature-rich IC that combines two current
mode synchronous buck regulator controllers, an adjustable
linear regulator controller and a fixed 3.3V standby output
rail.
The two switching regulator controllers operate 180˚ out of
phase. This feature reduces the input ripple RMS current,
thereby significantly reducing the required input capacitance.
The two switching regulator outputs can also be paralleled to
operate as a dual-phase regulator.
The use of synchronous rectification and pulse-skip opera-
tion at light load achieves high efficiency over a wide load
range. Fixed-frequency operation can be obtained by dis-
abling the pulse-skip mode. The switching frequency of the
LM2645 is user selectable between 200 kHz or 300 kHz.
The first switching controller (Channel 1) features a fixed 5V
output, and the second switching controller controller (Chan-
nel 2) features a fixed 3.3V output. Both channels can also
be independently adjusted from 1.3 to 5.5V. The adjustable
linear regulator can be adjusted from 3.3V to 15V. An internal
5V rail is also available externally for driving bootstrap cir-
cuitry. This rail also serves as the input for an internal LDO
that provides the fixed 3.3V/50mA output rail.
Current-mode feedback control assures excellent line and
load regulation and a wide loop bandwidth for excellent
response to fast load transients. Current is sensed across
either the Vds of the top FET or across an external sense
resistor connected in series with the drain of the top FET.
Current limit is independently adjustable for each channel.
The analog soft-start for the switching controllers uses an
innovative new approach. It is independent of the input
voltage which makes the soft-start behavior more predict-
able and controllable.
Independant PGOOD signals monitor each of the switching
regulator outputs. The switching outputs have under-voltage
and over-voltage latch protection, while the output of the
external linear regulator has undervoltage latch protection.
The undervoltage latch can be disabled or adjustably de-
layed.
Features
GENERAL
n
4.5V to 30V input range
n
Power good function
n
Input under-voltage lockout
n
10 µA Shutdown/Recycle for entire chip
n
Thermal shutdown
n
TSSOP package
SWITCHING SECTION
n
Two synchronous buck regulators for fixed 5V/3.3V or
adjustable outputs
n
Outputs adjustable from 1.3V to 5.5V
n
0.04% (typical) line and load regulation error
n
Selectable switching frequency 200/300 kHz
n
Two channels operating 180˚ out of phase
n
Separate on/off for each channel
n
Separate Power Good signals
n
Current mode control with or without sense resistor
n
Adjustable cycle-by-cycle current limit
n
Skip-mode operation available
n
Negative current limit
n
Separate soft start for each channel
n
Output UVP and OVP
n
Programmable output UVP delay
n
Self discharge of output capacitors when turned off
LINEAR SECTION
n
Adjustable (3.3V to 15V) linear regulator with external
PNP pass transistor
n ±
2% initial tolerance of set voltage
n
Output UVP for adjustable linear regulator
n
Fixed 3.3V/50mA output rail
n
Fixed 5V reference rail
Applications
n
Notebook and sub-notebook computers
n
Embedded computer systems
n
Battery-powered instruments
n
High end gaming systems
n
Set-top boxes
n
WebPAD
April 2001
© 2001 National Semiconductor Corporation
DS200159
www.national.com


Similar Part No. - LM2645

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2640 NSC-LM2640 Datasheet
504Kb / 18P
Dual Adjustable Step-Down Switching Power Supply Controller
logo
Texas Instruments
LM2640 TI1-LM2640 Datasheet
1Mb / 29P
LM2640 Dual Adjustable Step-Down Switching Power Supply Controller
LM2640 TI2-LM2640 Datasheet
986Kb / 29P
LM2640 Dual Adjustable Step-Down Switching Power Supply Controller
REVISED APRIL 2013
logo
National Semiconductor ...
LM26400Y NSC-LM26400Y Datasheet
2Mb / 24P
Dual 2A, 500kHz Wide Input Range Buck Regulator
logo
Texas Instruments
LM26400Y TI1-LM26400Y Datasheet
6Mb / 32P
Dual 2A, 500kHz Wide Input Range Buck Regulator
More results

Similar Description - LM2645

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2642 NSC-LM2642 Datasheet
643Kb / 20P
Two-Phase Synchronous Step-Down Switching Controller
logo
Rohm
BA9741F ROHM-BA9741F Datasheet
110Kb / 5P
Two-channel switching regulator controller
logo
National Semiconductor ...
LM2633 NSC-LM2633 Datasheet
1Mb / 40P
Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
logo
Semtech Corporation
SC2642 SEMTECH-SC2642 Datasheet
110Kb / 10P
Multi-Platform Two-Phase PWM Controller
logo
ON Semiconductor
NCP5331 ONSEMI-NCP5331 Datasheet
424Kb / 38P
Two-Phase PWM Controller with Integrated Gate Drivers
June, 2003 - Rev. 11
NCP5331 ONSEMI-NCP5331_05 Datasheet
431Kb / 36P
Two-Phase PWM Controller with Integrated Gate Drivers
March, 2005 ??Rev. 12
logo
Richtek Technology Corp...
RT9256 RICHTEK-RT9256 Datasheet
373Kb / 18P
Actively Alternative Mode Two-Phase / Dual Switching PWM Controller
logo
Texas Instruments
LM2642MTCX TI-LM2642MTCX Datasheet
1Mb / 31P
LM2642 Two-Phase Synchronous Step-Down Switching Controller
LM2633 TI1-LM2633 Datasheet
1Mb / 47P
Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
LM2642 TI1-LM2642 Datasheet
1Mb / 31P
Two-Phase Synchronous Step-Down Switching Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com