Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LIS3MDL Datasheet(PDF) 7 Page - STMicroelectronics

Part # LIS3MDL
Description  Digital output magnetic sensor: ultra-low-power, high-performance 3-axis magnetometer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3MDL Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LIS3MDL Datasheet HTML 3Page - STMicroelectronics LIS3MDL Datasheet HTML 4Page - STMicroelectronics LIS3MDL Datasheet HTML 5Page - STMicroelectronics LIS3MDL Datasheet HTML 6Page - STMicroelectronics LIS3MDL Datasheet HTML 7Page - STMicroelectronics LIS3MDL Datasheet HTML 8Page - STMicroelectronics LIS3MDL Datasheet HTML 9Page - STMicroelectronics LIS3MDL Datasheet HTML 10Page - STMicroelectronics LIS3MDL Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
DocID024204 Rev 4
7/33
LIS3MDL
Block diagram and pin description
Table 2. Pin description
Pin#
Name
Function
1
SCL
SPC
I2C serial clock (SCL)
SPI serial port clock (SPC)
2
Reserved
Connect to GND
3
GND
Connect to GND
4
C1
Capacitor connection (C1=100 nF)
5
Vdd
Power supply
6
Vdd_IO
Power supply for I/O pins
7
INT
Interrupt
8
DRDY
Data Ready
9
SDO
SA1
SPI serial data output (SDO)
I2C less significant bit of the device address (SA1)
10
CS
SPI enable
I2C/SPI mode selection
(1: SPI idle mode / I2C communication enabled;
0: SPI communication mode / I2C disabled)
11
SDA
SDI
SDO
I2C serial data (SDA)
SPI serial data input (SDI)
3-wire interface serial data output (SDO)
12
Reserved
Connect to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com