Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LIS3MDL Datasheet(PDF) 8 Page - STMicroelectronics

Part # LIS3MDL
Description  Digital output magnetic sensor: ultra-low-power, high-performance 3-axis magnetometer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3MDL Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LIS3MDL Datasheet HTML 4Page - STMicroelectronics LIS3MDL Datasheet HTML 5Page - STMicroelectronics LIS3MDL Datasheet HTML 6Page - STMicroelectronics LIS3MDL Datasheet HTML 7Page - STMicroelectronics LIS3MDL Datasheet HTML 8Page - STMicroelectronics LIS3MDL Datasheet HTML 9Page - STMicroelectronics LIS3MDL Datasheet HTML 10Page - STMicroelectronics LIS3MDL Datasheet HTML 11Page - STMicroelectronics LIS3MDL Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
Magnetic and electrical specifications
LIS3MDL
8/33
DocID024204 Rev 4
2
Magnetic and electrical specifications
2.1
Magnetic characteristics
@ Vdd = 2.5 V, T = 25 °C unless otherwise noted(a)
a. The product is factory calibrated at 2.5 V. The operational power supply range is from 1.9 V to 3.6 V.
Table 3. Mechanical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit
FS
Measurement range
±4
gauss
±8
±12
±16
GN
Sensitivity
FS=±4 gauss
6842
LSB/
gauss
FS=±8 gauss
3421
FS=±12 gauss
2281
FS=±16 gauss
1711
Zgauss
Zero-gauss level
FS=±4 gauss
±1
gauss
RMS
RMS noise
X-axis; FS=±12 gauss;
Ultra-high-performance mode
3.2
mgauss
Y-axis; FS=±12 gauss
Ultra-high-performance mode
3.2
mgauss
Z-axis; FS=±12 gauss
Ultra-high-performance mode
4.1
mgauss
NL
Non-linearity
Best-fit straight line
FS = ±12 gauss
Happlied = ±6 gauss
±0.12
%FS
ST
Self test(2)
X-axis
FS = ±12 gauss
13
gauss
Y-axis
FS = ±12 gauss
13
Z-axis
FS = ±12 gauss
0.1
1
DF
Magnetic disturbance
field
Zero-gauss offset starts to degrade
50
gauss
Top
Operating
temperature range
-40
+85
°C
1. Typical specifications are not guaranteed.
2. Absolute value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com