Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LIS3MDL Datasheet(PDF) 1 Page - STMicroelectronics

Part # LIS3MDL
Description  Digital output magnetic sensor: ultra-low-power, high-performance 3-axis magnetometer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3MDL Datasheet(HTML) 1 Page - STMicroelectronics

  LIS3MDL Datasheet HTML 1Page - STMicroelectronics LIS3MDL Datasheet HTML 2Page - STMicroelectronics LIS3MDL Datasheet HTML 3Page - STMicroelectronics LIS3MDL Datasheet HTML 4Page - STMicroelectronics LIS3MDL Datasheet HTML 5Page - STMicroelectronics LIS3MDL Datasheet HTML 6Page - STMicroelectronics LIS3MDL Datasheet HTML 7Page - STMicroelectronics LIS3MDL Datasheet HTML 8Page - STMicroelectronics LIS3MDL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
This is information on a product in full production.
May 2015
DocID024204 Rev 4
1/33
33
LIS3MDL
Digital output magnetic sensor:
ultra-low-power, high-performance 3-axis magnetometer
Datasheet
- production data
Features
 Wide supply voltage, 1.9 V to 3.6 V
 Independent IO supply (1.8 V)
 ±4/ ±8/ ±12/ 16 gauss selectable magnetic full
scale
 Continuous and single-conversion modes
 16-bit data output
 Interrupt generator
 Self-test
 I2C/SPI digital output interface
 Power-down mode/ low-power mode
 ECOPACK®, RoHS and “Green” compliant
Applications
 Magnetometers
 Compasses
Description
The LIS3MDL is an ultra-low-power high-
performance three-axis magnetic sensor.
The LIS3MDL has user-selectable full scales of
±4/
8/ 12/16 gauss.
The self-test capability allows the user to check
the functioning of the sensor in the final
application.
The device may be configured to generate
interrupt signals for magnetic field detection.
The LIS3MDL includes an I2C serial bus interface
that supports standard and fast mode (100 kHz
and 400 kHz) and SPI serial standard interface.
The LIS3MDL is available in a small thin plastic
land grid array package (LGA) and is guaranteed
to operate over an extended temperature range of
-40 °C to +85 °C.
LGA-12 (2.0x2.0x1.0 mm)
Table 1. Device summary
Order codes
Temperature range [
C]
Package
Packaging
LIS3MDL
-40 to +85
LGA-12
Tray
LIS3MDLTR
-40 to +85
LGA-12
Tape and reel
www.st.com


Similar Part No. - LIS3MDL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS302ALB STMICROELECTRONICS-LIS302ALB Datasheet
197Kb / 17P
MEMS motion sensor 3-axis - ±2g analog output piccolo accelerometer
03-Oct-2006
LIS302ALBTR STMICROELECTRONICS-LIS302ALBTR Datasheet
197Kb / 17P
MEMS motion sensor 3-axis - ±2g analog output piccolo accelerometer
03-Oct-2006
LIS302ALK STMICROELECTRONICS-LIS302ALK Datasheet
160Kb / 14P
MEMS motion sensor 3-axis-±2g analog output "piccolo" accelerometer
30-Oct-2006
LIS302ALKTR STMICROELECTRONICS-LIS302ALKTR Datasheet
160Kb / 14P
MEMS motion sensor 3-axis-±2g analog output "piccolo" accelerometer
30-Oct-2006
LIS302DL STMICROELECTRONICS-LIS302DL Datasheet
276Kb / 29P
MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output piccolo accelerometer
03-Oct-2006
More results

Similar Description - LIS3MDL

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MAG3110 FREESCALE-MAG3110 Datasheet
327Kb / 23P
3-Axis, Digital Magnetometer
logo
STMicroelectronics
AIS3624DQ STMICROELECTRONICS-AIS3624DQ Datasheet
1Mb / 41P
ultra-low-power digital output 3-axis accelerometer
14-Dec-2015
LIS2DE12 STMICROELECTRONICS-LIS2DE12 Datasheet
1Mb / 51P
MEMS digital output motion sensor: ultra-low-power high-performance 3-axis
27-Jan-2017
logo
Rohm
BM1422AGMV ROHM-BM1422AGMV Datasheet
2Mb / 29P
3-Axis Digital Magnetometer IC
logo
STMicroelectronics
LIS2DW12 STMICROELECTRONICS-LIS2DW12 Datasheet
1Mb / 66P
MEMS digital output motion sensor: high-performance ultra-low-power 3-axis
Jul-2019
LIS2MDL STMICROELECTRONICS-LIS2MDL Datasheet
1Mb / 41P
Digital output magnetic sensor: ultra-low-power, high-performance 3-axis magnetometer
November 2018 Rev 5
IIS2DLPC STMICROELECTRONICS-IIS2DLPC Datasheet
1Mb / 69P
MEMS digital output motion sensor: high-performance ultra-low-power 3-axis accelerometer for industrial applications
03-May-2019
IIS2MDC STMICROELECTRONICS-IIS2MDC Datasheet
1Mb / 40P
High-accuracy, ultra-low-power, 3-axis digital output magnetometer
September 2017 Rev 1
logo
MEMSIC Semiconductor (T...
MMC5883MA MEMSIC-MMC5883MA Datasheet
441Kb / 15P
짹8Gauss, High Performance, Low Cost 3-axis Magnetic Sensor
Rev.C
logo
STMicroelectronics
LIS2DW STMICROELECTRONICS-LIS2DW Datasheet
1Mb / 63P
MEMS digital output motion sensor: high-performance, ultra-low-power 3-axis
10-Apr-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com