Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MD1730-V/M2 Datasheet(PDF) 21 Page - Microchip Technology

Part # MD1730-V/M2
Description  8-Channel Ultra-Low Phase Noise Continuous Waveform Transmitter with Beamformer
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MD1730-V/M2 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MD1730-V/M2 Datasheet HTML 17Page - Microchip Technology MD1730-V/M2 Datasheet HTML 18Page - Microchip Technology MD1730-V/M2 Datasheet HTML 19Page - Microchip Technology MD1730-V/M2 Datasheet HTML 20Page - Microchip Technology MD1730-V/M2 Datasheet HTML 21Page - Microchip Technology MD1730-V/M2 Datasheet HTML 22Page - Microchip Technology MD1730-V/M2 Datasheet HTML 23Page - Microchip Technology MD1730-V/M2 Datasheet HTML 24Page - Microchip Technology MD1730-V/M2 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
 2016 Microchip Technology Inc.
DS20005586B-page 21
MD1730
FIGURE 4-6:
MD1730 Works with Two HV7321 4-Channel ±80V 2.6A 5-Level Ultrasound Pulsers.
V CW-
-1 to -6V
GND
Ther.
PAD
-10V
SUB
V GN
CNF
EN
CW0
VNF
CLK P
CLK N
SDO
SDI
CS N
SP I
SC K
CW3
VP F
CW
Fre.Dvdr
&P has e
Delay
CW2
CW1
TXR W
HIZ[7:0]
VLL
CLK
CLK
CB E 1
C KB0
Ch0
SP IB
LV DS C LK
CB E 0,1
VLL
CB E 0
C KB1
U1 MD1730
VC W +
VC W -
+10V
V GP
+2.5V
V LL
+1 to +6V
V CW+
+5V
V DD
CPF
Ch7
CW4
CW7
CW6
CW5
VNF
VP F
VC W +
VC W -
Ch1~6
X0
0 to+80V
VP F 1
VNN1
V PP1
RG ND
TX0
-0 to-80V
V PP0
VNN0
0 to-80V
0 to+80V
1 of 4 C hannels
+5V
V DD
Decode
&
Level
Shift
CWIN0
NE G 0
SEL0
NE G 3
SEL3
CWIN3
U2 HV 7321
GND
OT P N
+2.5V
V LL
PW S
POS 3
VS UB
SUB
MODE
REN
CLK
POS 0
TX1-3
RX1-3
Rx0
RX0
VP F 0
VNF 0
VNF 1
RG ND
RT ZS W
CWS W
TR S W
RXDMP
TR S W
+10V
V GP
-10V
OE N
V GN
CWIN2
CWIN1
Tx FP G A I/Os
To
Other
IC s
CT R N[3:0]
OT P
DT [63:0]
X4
0 to+80V
VP F 1
VNN1
V PP1
RG ND
TX0
-0 to-80V
V PP0
VNN0
0 to-80V
0 to+80V
1 of 4 C hannels
+5V
V DD
Decode
&
Level
Shift
CWIN0
NE G 0
SEL0
NE G 3
SEL3
CWIN3
U3 HV 7321
GND
OT P N
+2.5V
V LL
PW S
POS 3
VS UB
SUB
MODE
REN
CLK
POS 0
TX1-3
RX1-3
Rx4
RX0
VP F 0
VNF 0
VNF 1
RG ND
RT ZS W
CWS W
TR S W
RXDMP
TR S W
+10V
V GP
-10V
OE N
V GN
CWIN2
CWIN1
+2.5V
To
Other
IC s
To
Other
IC s
MD1730 & 2x HV 7321 Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com