Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MD1730-V/M2 Datasheet(PDF) 11 Page - Microchip Technology

Part # MD1730-V/M2
Description  8-Channel Ultra-Low Phase Noise Continuous Waveform Transmitter with Beamformer
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MD1730-V/M2 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MD1730-V/M2 Datasheet HTML 7Page - Microchip Technology MD1730-V/M2 Datasheet HTML 8Page - Microchip Technology MD1730-V/M2 Datasheet HTML 9Page - Microchip Technology MD1730-V/M2 Datasheet HTML 10Page - Microchip Technology MD1730-V/M2 Datasheet HTML 11Page - Microchip Technology MD1730-V/M2 Datasheet HTML 12Page - Microchip Technology MD1730-V/M2 Datasheet HTML 13Page - Microchip Technology MD1730-V/M2 Datasheet HTML 14Page - Microchip Technology MD1730-V/M2 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
 2016 Microchip Technology Inc.
DS20005586B-page 11
MD1730
FIGURE 2-7:
IVDD vs. CW Output
Frequency.
FIGURE 2-8:
IVCW+ vs. CW Output
Frequency.
FIGURE 2-9:
IVCW- vs. CW Output
Frequency.
FIGURE 2-10:
IVLL vs. CW Output
Frequency.
FIGURE 2-11:
IVGN vs. CW Output
Frequency.
FIGURE 2-12:
IVGP vs. CW Output
Frequency.
0
0.5
1
1.5
2
2.5
3
02468
10
12
CW Frequency (MHz)
VDD = 5V,
8-ch, 220 pF,
1 k
0
50
100
150
200
250
300
350
400
02
46
8
10
12
CW Frequency (MHz)
VCW+ = 5V,
8-ch, 220 pF,
1 k
0
50
100
150
200
250
300
350
400
02468
10
12
CW Frequency (MHz)
VCW- = -5V,
8-ch, 220 pF,
1 k
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
02
468
10
12
CW Frequency (MHz)
VLL = 10V,
8-ch, 220 pF,
1 k
-1
1
3
5
7
9
11
13
15
0
2468
10
12
CW Frequency (MHz)
0
1
2
3
4
5
6
7
8
9
10
024
68
10
12
CW Frequency (MHz)
VGP = 10V,
8-ch, 220 pF,
1 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com