Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MD1730-V/M2 Datasheet(PDF) 19 Page - Microchip Technology

Part # MD1730-V/M2
Description  8-Channel Ultra-Low Phase Noise Continuous Waveform Transmitter with Beamformer
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MD1730-V/M2 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MD1730-V/M2 Datasheet HTML 15Page - Microchip Technology MD1730-V/M2 Datasheet HTML 16Page - Microchip Technology MD1730-V/M2 Datasheet HTML 17Page - Microchip Technology MD1730-V/M2 Datasheet HTML 18Page - Microchip Technology MD1730-V/M2 Datasheet HTML 19Page - Microchip Technology MD1730-V/M2 Datasheet HTML 20Page - Microchip Technology MD1730-V/M2 Datasheet HTML 21Page - Microchip Technology MD1730-V/M2 Datasheet HTML 22Page - Microchip Technology MD1730-V/M2 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
 2016 Microchip Technology Inc.
DS20005586B-page 19
MD1730
FIGURE 4-3:
Multiple MD1730 Devices SPI Daisy Chain Connections.
4.5
CW0~7 Output Timing
The CW output waveform transmission timing is crucial
to an ultrasound imaging system. Any small timing
variations on the output can degrade the phase noise
performance. The MD1730’s internal circuitry is
designed to ensure ultra-low phase noise. Figure 4-4
shows an example of the output waveform timing
diagram. The chip is enabled by taking the EN pin high.
Then using the SPI, channel-0’s and channel-1’s phase
delay registers (PHD0<7:0> and PHD1<7:0>) are
programmed with delays of 2 and 3 respectively. The
rest of the channels are set to a high impedance state
by programming the HIZ<7:0> register with data
11111100b
. Furthermore, the frequency divider
register (CWFD<7:0>) is set to 4. After completing the
SPI operation the transmission starts by asserting
TXRW high. The phase delay counter starts counting
down after a two CLK cycle latency. This is illustrated in
Figure 4-4 for channel 0 and channel 1. In channel 0’s
case, the phase delay starts counting down from 2 to 0
after the latency and once the delay reaches 0 on the
next rising edge of CLK, the positive output appears on
the pin CW0. Based on the value of the CWFD<7:0>
register, after 4-CLK cycles the CW0 output toggles to
the negative supply rail. Subsequently, after 4-CLK
cycles at the negative rail, the output switches back
again to the positive supply rail, completing one full CW
output wave cycle. This process continues until the
TXRW pin deasserts low, which shuts the transmission
off and forces the channel into a high impedance state.
This same procedure applies to channel 1, which is
also depicted in Figure 4-4.
FIGURE 4-4:
CW0~7 Output Timing Diagram.
SDI
SDO
SCK
CS
TXRW
13bit Shift Reg.
SPIB
D0
Q12
SDI
SDO
SCK
CSN
TXRW
13bit Shift Reg.
SPIB
D0
Q12
U2
U8
TXRW
SCK
CSN
SDI
FPGA
SDO
U1
SPIB
SDI
SDO
SCK
CS
TXXRRWW
13bit Shift Reg.
SPIB
D0
Q12
SDI
SDO
SCK
CSN
13bit Shift Reg.
SPIB
D0
Q12
SDI
SDO
SCK
CS
TXXRRWW
13bit Shift Reg.
SPIB
D0
Q12
SDI
SDO
SCK
CSN
13bit Shift Reg.
SPIB
D0
Q12
CW0
VCW+
tdrCW
tdfCW
VCW-
t13
CLKP
Hi Z
CW end
tdrCW
CWCH = HiZ
(fCLK)
TXRW
PHD0 7:0
(Phase Delay
Time for Ch0)
TXRW
(if PHD0=2)
0
EN
EN=1
tEN_ON
1
2
t14
(3-cycle CLK)
PHD1 7:0
(Phase Delay
Time for Ch1)
(if PHD1=3)
1
2
3
CW1
VCW+
VCW-
Hi Z
CWCH = HiZ
0
tdrCW
tdfCW
tdrCW
-1
-1
PHD 7:0
Start
Count Down
(if CWFD[7:0]=4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com