Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MD1730-V/M2 Datasheet(PDF) 16 Page - Microchip Technology

Part # MD1730-V/M2
Description  8-Channel Ultra-Low Phase Noise Continuous Waveform Transmitter with Beamformer
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MD1730-V/M2 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MD1730-V/M2 Datasheet HTML 12Page - Microchip Technology MD1730-V/M2 Datasheet HTML 13Page - Microchip Technology MD1730-V/M2 Datasheet HTML 14Page - Microchip Technology MD1730-V/M2 Datasheet HTML 15Page - Microchip Technology MD1730-V/M2 Datasheet HTML 16Page - Microchip Technology MD1730-V/M2 Datasheet HTML 17Page - Microchip Technology MD1730-V/M2 Datasheet HTML 18Page - Microchip Technology MD1730-V/M2 Datasheet HTML 19Page - Microchip Technology MD1730-V/M2 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
MD1730
DS20005586B-page 16
 2016 Microchip Technology Inc.
REGISTER 4-2:
SPI REGISTER ADDRESS AND CONTROL BITS
4.4
Serial Peripheral Interface (SPI)
The MD1730’s SPI is used to program the phase delay
and frequency divider registers. The SPI supports
writing at speed up to 200 MHz and the MSB is shifted
in first. SPI interface supports two operating modes:
daisy chain mode and broadcasting mode.
When SPIB = 0, the MD1730 is in daisy chain mode. In
this mode, it supports both read and write operations.
When SPIB = 1 the chip enters the “Broadcasting”
mode. In this mode, the SDI data shifts into the shift
register as well as to the SDO output. In this mode, the
user can write the same register of different daisy
chained chips with the same value in a single write
transaction. However, when SPIB = 1 the read
operation is disabled. To verify the written data for each
chip, the user can revert SPIB = 0 and perform a
normal read operation.
4.4.1
SPI WRITE OPERATION EXAMPLES
The following is a 1-byte writing example for the
register
at
ADD = 0011b
with
the
data
D<7:0> = 01010101 when SPIB = TXRW = 0.
1.
The Write operation starts with setting CSN to
low.
2.
The SCK clock is used to shift in the following
SDI data:
W/R
SPI Register ADD<3:0>
Write or Read Data <7:0>
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
1
= Write
0
= Read
MSB first.
(See
Section 4.3
and
Section 4.4
)
00
0
0
Channel 0 phase delay PHD0<7:0>
00
0
1
Channel 1 phase delay PHD1<7:0>
00
1
0
Channel 2 phase delay PHD2<7:0>
00
1
1
Channel 3 phase delay PHD3<7:0>
01
0
0
Channel 4 phase delay PHD4<7:0>
01
0
1
Channel 5 phase delay PHD5<7:0>
01
1
0
Channel 6 phase delay PHD6<7:0>
01
1
1
Channel 7 phase delay PHD7<7:0>
10
0
0
HIZ7
HIZ6
HIZ5
HIZ4
HIZ3
HIZ2
HIZ1
HIZ0
10
0
1
CW frequency divisor number CWFD<7:0>
Note:
Power-On or EN = 0 sets all the registers to 0.
TABLE 4-1:
PHD<7:0> PHASE DELAY TIME REGISTER DESCRIPTION
PHD<7:0>
Delay Time to Start Transmitting
00000000
0/fCLK (Power-on default)
00000001
1/fCLK
00000010
2/fCLK
.........
........
11111110
254/fCLK
11111111
255/fCLK
TABLE 4-2:
CWFD<7:0> CW FREQUENCY DIVIDER REGISTER DESCRIPTION
CWFD[7:0]
Transmit CW Frequency fCW
00000000
fCLK/512 (Power-on default)
00000001
fCLK/2
00000010
fCLK/4
00000011
fCLK/6
.........
........
11111110
fCLK/508
11111111
fCLK/510
Note:
The selected CW frequency is same for all the CW0~7 outputs: fCW = fCLK/2*CWFD. The CW frequency
applies to all channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com