Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MD1730-V/M2 Datasheet(PDF) 10 Page - Microchip Technology

Part # MD1730-V/M2
Description  8-Channel Ultra-Low Phase Noise Continuous Waveform Transmitter with Beamformer
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MD1730-V/M2 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MD1730-V/M2 Datasheet HTML 6Page - Microchip Technology MD1730-V/M2 Datasheet HTML 7Page - Microchip Technology MD1730-V/M2 Datasheet HTML 8Page - Microchip Technology MD1730-V/M2 Datasheet HTML 9Page - Microchip Technology MD1730-V/M2 Datasheet HTML 10Page - Microchip Technology MD1730-V/M2 Datasheet HTML 11Page - Microchip Technology MD1730-V/M2 Datasheet HTML 12Page - Microchip Technology MD1730-V/M2 Datasheet HTML 13Page - Microchip Technology MD1730-V/M2 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
MD1730
DS20005586B-page 10
 2016 Microchip Technology Inc.
2.0
TYPICAL PERFORMANCE CURVES
FIGURE 2-1:
IDD vs. Temperature.
FIGURE 2-2:
IVGP vs. Temperature.
FIGURE 2-3:
IVCW+ vs. Temperature.
FIGURE 2-4:
IVLL vs. Temperature.
FIGURE 2-5:
IVGN vs. Temperature.
FIGURE 2-6:
IVCW- vs. Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
1020304050
60
70
80
90
100
Temperature (°C)
V
DD = 5.0V,
f
CLK= 80 MHz,
f
CW = 5 MHz,
8-ch, no-load
0
1
2
3
4
5
6
7
8
0
102030
405060
708090 100
Temperature (°C)
V
GP = 10V,
f
CLK= 80 MHz,
f
CW = 5 MHz,
8-ch, no-load
0
5
10
15
20
25
0
10
20304050
60708090 100
Temperature (°C)
V
CW+ = 5V,
f
CLK= 80 MHz,
f
CW = 5 MHz,
8-ch, no-load
0
0.5
1
1.5
2
2.5
3
0
10
203040
50607080
90
100
Temperature (°C)
V
DD = 2.5V,
f
CLK= 80 MHz,
f
CW = 5 MHz,
8-ch, no-load
0
1
2
3
4
5
6
7
8
9
10
0
102030405060708090
100
Temperature (°C)
V
GN = -10V,
f
CLK= 80 MHz,
f
CW = 5 MHz,
8-ch, no-load
0
5
10
15
20
25
0
102030
40506070
8090 100
Temperature (°C)
V
CW- = -5V,
f
CLK= 80 MHz,
f
CW = 5 MHz,
8-ch, no-load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com