Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L3GD20H Datasheet(PDF) 9 Page - STMicroelectronics

Part # L3GD20H
Description  MEMS motion sensor: three-axis digital output gyroscope
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3GD20H Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L3GD20H Datasheet HTML 5Page - STMicroelectronics L3GD20H Datasheet HTML 6Page - STMicroelectronics L3GD20H Datasheet HTML 7Page - STMicroelectronics L3GD20H Datasheet HTML 8Page - STMicroelectronics L3GD20H Datasheet HTML 9Page - STMicroelectronics L3GD20H Datasheet HTML 10Page - STMicroelectronics L3GD20H Datasheet HTML 11Page - STMicroelectronics L3GD20H Datasheet HTML 12Page - STMicroelectronics L3GD20H Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
DocID023469 Rev 2
9/52
L3GD20H
Block diagram and pin description
Table 2. Pin description
Pin#
Name
Function
1
Vdd_IO
(1)
1.
Recommended 100 nF filter capacitor.
Power supply for I/O pins
2
SCL
SPC
I
2
C serial clock (SCL)
SPI serial port clock (SPC)
3
SDA
SDI
SDO
I
2
C serial data (SDA)
SPI serial data input (SDI)
3-wire interface serial data output (SDO)
4
SDO
SA0
SPI serial data output (SDO)
I
2
C less significant bit of the device address (SA0)
5CS
I
2
C/SPI mode selection (1: SPI idle mode / I
2
C communication
enabled; 0: SPI communication mode / I2C disabled)
6
DRDY/INT2
Data ready/fifo interrupt (FIFO threshold/overrun/empty)
7
INT1
Programmable interrupt
8DEN
(2)
2.
Connected to GND if DEN is not used.
Gyroscope data enable
9
Reserved
Connect to GND
10
Reserved
Connect to GND
11
Reserved
Connect to GND or VDD
12
GND
0 V supply
13
GND
0 V supply
14
Cap
Connect to GND with ceramic capacitor
(3)
3.
10 nF (+/-10%), 25 V. 1 nF minimum value has to be guaranteed under 12 V bias condition.
15
Reserved
Connect to GND or VDD
16
Vdd
(4)
4.
Recommended 100 nF plus 10
μF capacitors.
Power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com