Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L3GD20H Datasheet(PDF) 42 Page - STMicroelectronics

Part # L3GD20H
Description  MEMS motion sensor: three-axis digital output gyroscope
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3GD20H Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L3GD20H Datasheet HTML 38Page - STMicroelectronics L3GD20H Datasheet HTML 39Page - STMicroelectronics L3GD20H Datasheet HTML 40Page - STMicroelectronics L3GD20H Datasheet HTML 41Page - STMicroelectronics L3GD20H Datasheet HTML 42Page - STMicroelectronics L3GD20H Datasheet HTML 43Page - STMicroelectronics L3GD20H Datasheet HTML 44Page - STMicroelectronics L3GD20H Datasheet HTML 45Page - STMicroelectronics L3GD20H Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 52 page
background image
Register description
L3GD20H
42/52
DocID023469 Rev 2
7.9
STATUS (27h)
7.10
OUT_X_L (28h), OUT_X_H (29h)
X-axis angular rate data. The value is expressed as two’s complement.
7.11
OUT_Y_L (2Ah), OUT_Y_H (2Bh)
Y-axis angular rate data. The value is expressed as two’s complement.
7.12
OUT_Z_L (2Ch), OUT_Z_H (2Dh)
Z-axis angular rate data. The value is expressed as two’s complement.
7.13
FIFO_CTRL (2Eh)
Table 37. STATUS register
ZYXOR
ZOR
YOR
XOR
ZYXDA
ZDA
YDA
XDA
Table 38. STATUS description
ZYXOR
X, Y, Z -axis data overrun. Default value: 0
(0: no overrun has occurred; 1: new data has overwritten the previous one before it was
read)
ZOR
Z axis data overrun. Default value: 0
(0: no overrun has occurred; 1: a new data for the Z-axis has overwritten the previous one)
YOR
Y axis data overrun. Default value: 0
(0: no overrun has occurred; 1: a new data for the Y-axis has overwritten the previous one)
XOR
X axis data overrun. Default value: 0
(0: no overrun has occurred; 1: a new data for the X-axis has overwritten the previous one)
ZYXDA
X, Y, Z -axis new data available. Default value: 0
(0: a new set of data is not yet available; 1: a new set of data is available)
ZDA
Z axis new data available. Default value: 0
(0: a new data for the Z-axis is not yet available; 1: a new data for the Z-axis is available)
YDA
Y axis new data available. Default value: 0
(0: a new data for the Y-axis is not yet available;1: a new data for the Y-axis is available)
XDA
X axis new data available. Default value: 0
(0: a new data for the X-axis is not yet available; 1: a new data for the X-axis is available)
Table 39. FIFO_CTRL register
FM2
FM1
FM0
FTH4
FTH3
FTH2
FTH1
FTH0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com