Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L3GD20H Datasheet(PDF) 34 Page - STMicroelectronics

Part # L3GD20H
Description  MEMS motion sensor: three-axis digital output gyroscope
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3GD20H Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L3GD20H Datasheet HTML 30Page - STMicroelectronics L3GD20H Datasheet HTML 31Page - STMicroelectronics L3GD20H Datasheet HTML 32Page - STMicroelectronics L3GD20H Datasheet HTML 33Page - STMicroelectronics L3GD20H Datasheet HTML 34Page - STMicroelectronics L3GD20H Datasheet HTML 35Page - STMicroelectronics L3GD20H Datasheet HTML 36Page - STMicroelectronics L3GD20H Datasheet HTML 37Page - STMicroelectronics L3GD20H Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
Output register mapping
L3GD20H
34/52
DocID023469 Rev 2
6
Output register mapping
The table given below provides a listing of the 8 bit registers embedded in the device and
the related addresses:
Table 17. Register address map
Name
Type
Register address
Default
Hex
Binary
Reserved
-
00-0E
-
-
WHO_AM_I
r
0F
000 1111
11010111
Reserved
-
10-1F
-
-
CTRL1
rw
20
010 0000
00000111
CTRL2
rw
21
010 0001
00000000
CTRL3
rw
22
010 0010
00000000
CTRL4
rw
23
010 0011
00000000
CTRL5
rw
24
010 0100
00000000
REFERENCE
rw
25
010 0101
00000000
OUT_TEMP
r
26
010 0110
Output
STATUS
r
27
010 0111
Output
OUT_X_L
r
28
010 1000
Output
OUT_X_H
r
29
010 1001
Output
OUT_Y_L
r
2A
010 1010
Output
OUT_Y_H
r
2B
010 1011
Output
OUT_Z_L
r
2C
010 1100
Output
OUT_Z_H
r
2D
010 1101
Output
FIFO_CTRL
rw
2E
010 1110
00000000
FIFO_SRC
r
2F
010 1111
Output
IG_CFG
rw
30
011 0000
00000000
IG_SRC
r
31
011 0001
Output
IG_THS_XH
rw
32
011 0010
00000000
IG_THS_XL
rw
33
011 0011
00000000
IG_THS_YH
rw
34
011 0100
00000000
IG_THS_YL
rw
35
011 0101
00000000
IG_THS_ZH
rw
36
011 0110
00000000
IG_THS_ZL
rw
37
011 0111
00000000
IG_DURATION
rw
38
011 1000
00000000
LOW_ODR
rw
39
011 1001
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com