Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L3GD20H Datasheet(PDF) 43 Page - STMicroelectronics

Part # L3GD20H
Description  MEMS motion sensor: three-axis digital output gyroscope
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3GD20H Datasheet(HTML) 43 Page - STMicroelectronics

Back Button L3GD20H Datasheet HTML 39Page - STMicroelectronics L3GD20H Datasheet HTML 40Page - STMicroelectronics L3GD20H Datasheet HTML 41Page - STMicroelectronics L3GD20H Datasheet HTML 42Page - STMicroelectronics L3GD20H Datasheet HTML 43Page - STMicroelectronics L3GD20H Datasheet HTML 44Page - STMicroelectronics L3GD20H Datasheet HTML 45Page - STMicroelectronics L3GD20H Datasheet HTML 46Page - STMicroelectronics L3GD20H Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
DocID023469 Rev 2
43/52
L3GD20H
Register description
7.14
FIFO_SRC (2Fh)
7.15
IG_CFG (30h)
Table 40. FIFO_CTRL register description
FM2-FM0
FIFO mode selection. Default value: 000 (see
Table 41)
FTH4-FTH0
FIFO threshold setting. Default value: 0
Table 41. FIFO mode configuration
FM2
FM1
FM0
FIFO mode
000Bypass mode
001FIFO mode
010Stream mode
011Stream-to-FIFO mode
100Bypass-to-stream mode
110Dynamic stream mode
111Bypass-to-FIFO mode
Table 42. FIFO_SRC register
FTH
OVRN
EMPTY
FSS4
FSS3
FSS2
FSS1
FSS0
Table 43. FIFO_SRC register description
FTH
FIFO threshold status. (0: FIFO filling is lower than FTH level; 1: FIFO filling is
equal or higher than FTH level)
OVRN
Overrun bit status.
(0: FIFO is not completely filled; 1:FIFO is completely filled)
EMPTY
FIFO empty bit.
( 0: FIFO not empty; 1: FIFO empty)
FSS4-FSS0
FIFO stored data level of the unread samples
Table 44. IG_CFG register
AND/OR
LIR
ZHIE
ZLIE
YHIE
YLIE
XHIE
XLIE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com