Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L3GD20H Datasheet(PDF) 39 Page - STMicroelectronics

Part # L3GD20H
Description  MEMS motion sensor: three-axis digital output gyroscope
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3GD20H Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L3GD20H Datasheet HTML 35Page - STMicroelectronics L3GD20H Datasheet HTML 36Page - STMicroelectronics L3GD20H Datasheet HTML 37Page - STMicroelectronics L3GD20H Datasheet HTML 38Page - STMicroelectronics L3GD20H Datasheet HTML 39Page - STMicroelectronics L3GD20H Datasheet HTML 40Page - STMicroelectronics L3GD20H Datasheet HTML 41Page - STMicroelectronics L3GD20H Datasheet HTML 42Page - STMicroelectronics L3GD20H Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
DocID023469 Rev 2
39/52
L3GD20H
Register description
7.4
CTRL3 (22h)
7.5
CTRL4 (23h)
0100
0.05
0.1
0.2
0.5
1
2
4
0101
0.02
0.05
0.1
0.2
0.5
1
2
0110
0.01
0.02
0.05
0.1
0.2
0.5
1
0111
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1000
0.002
0.005
0.01
0.02
0.05
0.1
0.2
1001
0.001
0.002
0.005
0.01
0.02
0.05
0.1
1.
values in the table are indicative and they can vary proportionally with the specific ODR value
Table 26. High pass filter cut off frequency configuration [Hz](1) (continued)
HPCF3-0
ODR=12.5
Hz
ODR=25
Hz
ODR=50
Hz
ODR =100
Hz
ODR =200
Hz
ODR =400
Hz
ODR =800
Hz
Table 27. CTRL3 register
INT1_IG
INT1_Boot
H_Lactive
PP_OD
INT2_DRDY
INT2_FTH
INT2_ORun
INT2_Empty
Table 28. CTRL3 description
INT1_IG
Interrupt enable on INT1 pin. Default value 0. (0: disable; 1: enable)
INT1_Boot
Boot status available on INT1 pin. Default value 0. (0: disable; 1: enable)
H_Lactive
Interrupt active configuration on INT. Default value 0. (0: high; 1:low)
PP_OD
Push- Pull / Open drain. Default value: 0. (0: push-pull; 1: open drain)
INT2_DRDY
Date Ready on DRDY/INT2 pin. Default value 0. (0: disable; 1: enable)
INT2_FTH
FIFO Threshold interrupt on DRDY/INT2 pin. Default value: 0. (0: disable; 1: enable)
INT2_ORun
FIFO Overrun interrupt on DRDY/INT2 pin. Default value: 0. (0: disable; 1: enable)
INT2_Empty
FIFO Empty interrupt on DRDY/INT2 pin. Default value: 0. (0: disable; 1: enable)
Table 29. CTRL4 register
BDU
BLE
FS1
FS0
IMPen
ST2
ST1
SIM
Table 30. CTRL4 description
BDU
Block data update. Default value: 0
(0: continuos update; 1: output registers not updated until MSB and LSB read-
ing)
BLE
Big/little endian data selection. Default value 0.
(0: Data LSB @ lower address; 1: Data MSB @ lower address)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com