Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LSM6DS0 Datasheet(PDF) 54 Page - STMicroelectronics

Part # LSM6DS0
Description  Embedded temperature sensor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS0 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button LSM6DS0 Datasheet HTML 50Page - STMicroelectronics LSM6DS0 Datasheet HTML 51Page - STMicroelectronics LSM6DS0 Datasheet HTML 52Page - STMicroelectronics LSM6DS0 Datasheet HTML 53Page - STMicroelectronics LSM6DS0 Datasheet HTML 54Page - STMicroelectronics LSM6DS0 Datasheet HTML 55Page - STMicroelectronics LSM6DS0 Datasheet HTML 56Page - STMicroelectronics LSM6DS0 Datasheet HTML 57Page - STMicroelectronics LSM6DS0 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 59 page
background image
Register description
LSM6DS0
54/59
DocID025604 Rev 3
7.38
INT_GEN_THS_Z_G (35h - 36h)
Angular rate sensor interrupt generator threshold registers. The value is expressed as 15bit
word in two’s complement.
Table 94. INT_GEN_THS_Z_G register description
7.39
INT_GEN_DUR_G (37h)
Angular rate sensor interrupt generator duration register.
Table 95. INT_GEN_DUR_G register
Table 96. INT_GEN_DUR_G register description
The DUR_G [6:0] bits set the minimum duration of the interrupt event to be recognized.
Duration steps and maximum values depend on the ODR chosen.
The WAIT_G bit has the following meaning:
‘0’: the interrupt falls immediately if the signal crosses the selected threshold
‘1’: if the signal crosses the selected threshold, the interrupt falls after a number of samples
equal to the value of the duration counter register.
For further details refer to Figure 22 and Figure 23.
Table 92. INT_GEN_THS_ZH_G register
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device
THS_G_
Z14
THS_G_
Z13
THS_G_
Z12
THS_G_
Z11
THS_G_
Z10
THS_G_
Z9
THS_G_
Z8
Table 93. INT_GEN_THS_ZL_G register
THS_G_
Z7
THS_G_
Z6
THS_G_
Z5
THS_G_
Z4
THS_G_
Z3
THS_G_
Z2
THS_G_
Z1
THS_G_
Z0
THS_G_Z [14:0]
Angular rate sensor interrupt thresholds on yaw (Z) axis.
Default value: 0000000 00000000
WAIT_G
DUR_G6
DUR_G5
DUR_G4
DUR_G3
DUR_G2
DUR_G1
DUR_G0
WAIT_G
Exit from Interrupt Wait function enable. Default value: 0
(0: wait function off; 1: wait for DUR_G [6:0] samples before exiting interrupt)
DUR_G [6:0]
Enter/exit interrupt duration value. Default value: 000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com